Electronic Components Datasheet Search
  English  ▼

X  

STIL04-T5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STIL04-T5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL04-T5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STIL04-T5 Datasheet HTML 3Page - STMicroelectronics STIL04-T5 Datasheet HTML 4Page - STMicroelectronics STIL04-T5 Datasheet HTML 5Page - STMicroelectronics STIL04-T5 Datasheet HTML 6Page - STMicroelectronics STIL04-T5 Datasheet HTML 7Page - STMicroelectronics STIL04-T5 Datasheet HTML 8Page - STMicroelectronics STIL04-T5 Datasheet HTML 9Page - STMicroelectronics STIL04-T5 Datasheet HTML 10Page - STMicroelectronics STIL04-T5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STIL
10/11
Table 6: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ Recommended torque value: 0.8 Nm.
Part Number
Marking
Package
Weight
Base qty
Delivery
mode
STIL04-P5
STIL04P5
PENTAWATT HV2
1.9 g
50
Tube
STIL04-T5
STIL04T5
PENTAWATT
3 g
50
Tube
STIL06-T5
STIL06T5
PENTAWATT
3 g
50
Tube
STIL08-T5
STIL08T5
PENTAWATT
3 g
50
Tube
Table 7: Revision History
Date
Revision
Description of Changes
October-2002
3A
Last update.
23-Nov-2004
4
STIL08-T5 added
06-Dec-2005
5
STIL04-T5 and STIL06-T5 added. ECOPAK statement
added
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com