Electronic Components Datasheet Search
  English  ▼

X  

STIL04P5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STIL04P5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL04P5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STIL04P5 Datasheet HTML 3Page - STMicroelectronics STIL04P5 Datasheet HTML 4Page - STMicroelectronics STIL04P5 Datasheet HTML 5Page - STMicroelectronics STIL04P5 Datasheet HTML 6Page - STMicroelectronics STIL04P5 Datasheet HTML 7Page - STMicroelectronics STIL04P5 Datasheet HTML 8Page - STMicroelectronics STIL04P5 Datasheet HTML 9Page - STMicroelectronics STIL04P5 Datasheet HTML 10Page - STMicroelectronics STIL04P5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
STIL
8/11
Figure 19: Peak forward voltage drop versus
peak forward output current for one power
switch (typical values) (STIL04)
Figure 20: Peak forward voltage drop versus
peak forward output current for one power
switch (typical values) (STIL06)
Figure 21: Peak forward voltage drop versus
peak forward output current for one power
switch (typical values) (STIL08)
Figure 22: Relative variation of dV/dt immunity
versus junction temperature (typical values)
I
(A)
OUT
0
1
2
3
4
5
6
7
8
9
10
11
12
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
T
j=25°C
T
j=150°C
STIL04
V (V)
F
I
(A)
OUT
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8
T
j=25°C
T
j=150°C
STIL06
V (V)
F
I(A)
OUT
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
T
j=25°C
T
j=150°C
STIL08
V (V)
F
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
150
{dV
[T ] / dt} / {
=150°C] / dt}
D(OUT)
j
dV
[T
D(OUT)
j
V
=470V
Dout
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com