Electronic Components Datasheet Search
  English  ▼

X  

MP5048GU Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5048GU
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048GU Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5048GU Datasheet HTML 5Page - Monolithic Power Systems MP5048GU Datasheet HTML 6Page - Monolithic Power Systems MP5048GU Datasheet HTML 7Page - Monolithic Power Systems MP5048GU Datasheet HTML 8Page - Monolithic Power Systems MP5048GU Datasheet HTML 9Page - Monolithic Power Systems MP5048GU Datasheet HTML 10Page - Monolithic Power Systems MP5048GU Datasheet HTML 11Page - Monolithic Power Systems MP5048GU Datasheet HTML 12Page - Monolithic Power Systems MP5048GU Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
9
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 48V, RCS = 3.6kΩ, COUT = 1000μF, TJ = 25°C, unless otherwise noted.
1.62
1.622
1.624
1.626
1.628
1.63
1.632
1.634
1.636
1.638
1.64
24
28
32
36
40
44
48
52
56
60
INPUT VOLTAGE (V)
Supply Current vs. Input Voltage
ON = low
2.5
2.51
2.52
2.53
2.54
2.55
2.56
24
28
32
36
40
44
48
52
56
60
INPUT VOLTAGE (V)
Supply Current vs. Input Voltage
ON = high
0
20
40
60
80
100
120
4
6
8
10
12
14
16
18
20
IOUT (A)
Case Temperature Rise vs.
Output Current
No Air Flow
Air Flow=100ft/min
Air Flow=200ft/min
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
0
2
4
6
8
10
12
14
16
18
IOUT (A)
IMON Gain vs. Output Current
and Temperature
125oC
85oC
25oC
0oC
-40oC
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
4
6
8
10
12
14
16
18
20
22
IOUT (A)
VTEMP vs. Output Current
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS (V)
Thermal Shutdown Operation Area (TOA)
DC
1s
100ms
50ms
10ms
1ms
500us
<2us
RθJA=12.1oC/W
TJMAX=150oC Max Rated
TA=25oC
Single Pulse
Limited by
Rds_on
Limited by IDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com