Electronic Components Datasheet Search
  English  ▼

X  

MP7758 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP7758
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP7758 Datasheet HTML 12Page - Monolithic Power Systems MP7758 Datasheet HTML 13Page - Monolithic Power Systems MP7758 Datasheet HTML 14Page - Monolithic Power Systems MP7758 Datasheet HTML 15Page - Monolithic Power Systems MP7758 Datasheet HTML 16Page - Monolithic Power Systems MP7758 Datasheet HTML 17Page - Monolithic Power Systems MP7758 Datasheet HTML 18Page - Monolithic Power Systems MP7758 Datasheet HTML 19Page - Monolithic Power Systems MP7758 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
16
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Gain Setting
The MP7758
’s gain is set by the input terminals
GAIN0 and GAIN1. The actual gain settings are
controlled by the ratios of the internal input and
feedback resistors (see Table 2).
Table 2: Gain Setting
GAIN0 GAIN1
Typical
Gain (dB)
Typical Input
Impedance (k
Ω)
0
0
20
75
1
0
26
50
0
1
32
30
1
1
36
20
Over-Temperature Shutdown
The MP7758 monitors the temperature. If the
die temperature rises above 150°C, all switches
turn off. The temperature must fall below 130°C
before normal operation resumes. The device
uses the same start-up sequence to prevent
popping noise.
Short-Circuit Protection (SCP)
The MP7758 has internal overload and short-
circuit protection (SCP). The currents in both
the high-side and low-side MOSFETs are
measured. If a short circuit is detected, all
MOSFETs of the full bride that detected the
over-current condition go into high impedance
for a fixed duration before resuming normal
operation. If the short circuit condition is
removed after the fixed duration, the MP7758
restarts. The device uses the same start-up
sequence to prevent popping noise.
Fault Output
The MP7758 includes an open drain, active low
fault indicator output on the /FAULT pin. A fault
triggers if either the current limit or thermal
shutdown threshold is tripped.
A fault on any channel causes the /FAULT pin
to pull low. A fault on either channel causes the
all outputs to go into high impedance. When the
fault
condition
is
removed,
the
MP7758
resumes normal operation (see Figure 5).
Normal Operation
Over-current
condition
detected?
No
Disable output,
/FAULT = low
Yes
Enable output,
/FAULT = high
Yes
TEMP >
150°C?
No
Disable output,
/FAULT = low
Yes
TEMP <
130°C?
No
Yes
Enable output,
/FAULT = high
100µs timeout
finished?
No
Figure 5: Fault Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com