Electronic Components Datasheet Search
  English  ▼

X  

MP7758GF-Z Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7758GF-Z
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF-Z Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP7758GF-Z Datasheet HTML 2Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 3Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 4Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 5Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 6Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 7Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 8Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 9Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
6
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5) (6)
VCC = 18V, VEN = 5V, TJ = -40°C to +125°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby current
IQSTBY
VEN = 0V
130
200
µA
Quiescent current
IQ
VEN = 5V, no load, no LC filter
20
40
mA
VEN = 5V, input signal = 0,
TJ = -40°C to +85°C
5.5
10
mA
Output offset voltage
VOS
VI = 0V, gain = 36dB, TJ = 25°C
20
65
mV
SW on resistance
RDS(ON)
IOUT = 500mA, TJ = 25°C
0.24
Ω
Short circuit current
Source and sink, TJ = 25°C
4
5
6
A
Closed loop gain
G
GAIN0 = low, GAIN1 = low
19
20
21
dB
GAIN0 = high, GAIN1 = low
25
26
27
GAIN0 = low, GAIN1 = high
31
32
33
GAIN0 = high, GAIN1 = high
35
36
37
EN enable threshold
voltage
VEN rising
1.3
2.0
V
VEN falling
0.4
0.9
V
EN enable input current
VEN = 5V
12
25
µA
Under-voltage protection
VUVP rising
4.6
5
V
VUVP falling
4
4.3
V
AVCC operating voltage
5
5.5
6
V
VDR operating voltage
5
5.5
6
V
VINN/INP common mode
voltage
2.3
2.5
2.7
V
GAIN0/GAIN1 threshold
VGAIN rising
1.6
2
V
VGAIN falling
0.6
1.1
V
Turn-on time
tON
13
ms
Turn-off time
tOFF
0.2
µs
Switching frequency
260
325
360
kHz
Input signal absence
sensitivity
2
5
8
mV
Thermal shutdown trip
point
TJ rising
150
°C
Thermal shutdown
hysteresis
20
°C
Notes:
5) The device is not guaranteed to function outside its operating rating.
6) The electrical characteristics are for the IC only, with no external components except for the bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com