Electronic Components Datasheet Search
  English  ▼

X  

SMQ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMQ
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMQ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMQ Datasheet HTML 1Page - List of Unclassifed Manufacturers SMQ Datasheet HTML 2Page - List of Unclassifed Manufacturers SMQ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized snap-ins, 85C
CAT. No. E1001F
@Downsized from current downsized snap-ins SMH series
@Endurance with ripple current : 2,000 hours at 85C
@Non solvent-proof type
@RoHS Compliant
?SPECIFICATIONS
(at 20
C, 120Hz)
(at 20
C after 5 minutes)
(at 20
C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
e)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-25 to +85
C
160 to 450Vdc
P20% (M)
I
[3 CV
Where, I : Max. leakage current (
MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
E (Max.)
Rated voltage (Vdc)
Z(-25
C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20
C after subjected to DC voltage with the rated
ripple current is applied for 2,000 hours at 85
C.
Capacitance change
[P20% of the initial value
D.F. (tan
E)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
C after exposing them for 1,000 hours at 85C
without voltage applied.
Capacitance change
[P15% of the initial value
D.F. (tan
E)
[150% of the initial specified value
Leakage current
[The initial specified value
Characteristics
160 to 250V
0.15
160 to 250V
4
315 to 400V
0.15
315 to 400V
8
420 & 450V
0.20
420 & 450V
8
?DIMENSIONS [mm]
@Terminal Code : VS (F22 to F35) : Standard
4.0
P0.5
Vent
Sleeve (PET : Black)
L
P2
Negative mark
PC board pin-out
2-
F2
@Terminal Code : LI (F35)
Vent
4.5
P1
L
P2
Negative mark
Sleeve (PET : Black)
PC board pin-out
2-1.2
B6
5
P0.5
14.2
P1
?PART NUMBERING SYSTEM
Downsized
SMQ
SMH
No plastic disk is the standard design.
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 82
MF:820, 3,300MF:332)
Dummy terminal code
Terminal code (VS, LI)
Voltage code (ex. 160V:161, 315V:3B1, 450V:451)
Series code
Category
E S M Q A A A V S N A A A
A A A S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (snap-in type)"
(1/3)


Similar Part No. - SMQ

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
90쨘 HYBRID
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C03 SYNERGY-SMQ-C03 Datasheet
461Kb / 4P
2:1 bandwidth
SMQ-C04 SYNERGY-SMQ-C04 Datasheet
472Kb / 4P
90쨘 HYBRID
SMQ-C05 SYNERGY-SMQ-C05 Datasheet
372Kb / 4P
90쨘 HYBRID
More results

Similar Description - SMQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMH ETC2-SMH Datasheet
95Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMT421VSN101MP25S ETC2-EKMT421VSN101MP25S Datasheet
257Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLB181LIN901KR35M NPC-ERLB181LIN901KR35M Datasheet
332Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com