Electronic Components Datasheet Search
  English  ▼

X  

STPS3045CT Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # STPS3045CT
Description  LOW VF SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

STPS3045CT Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  STPS3045CT Datasheet HTML 1Page - SUNMATE electronic Co., LTD STPS3045CT Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW VF SCHOTTKY BARRIER RECTIFIERS
STPS3045CT
CURRENT: 30A
VOLTAGE RANGE: 45V
RATINGS
SYMBOL
STPS3045CT
UNIT
Maximum repe��ve reverse voltage
VRRM
45
V
Maximum RMS voltage
VRMS
31.5
V
Maximum average forward current
per device
IAV
30
A
per diode
15
Peak forward surge current,8.3ms single half
sine-wave superimposed on rated load
IFSM
300
A
Typical thermal resistance per diode(Note 1)
Rθ-JC
4.5
℃/W
Opera�ng junc�on temperature range
TJ
-55 to +150
℃
Storage temperature range
TSTG
-55 to +150
℃
Maximum DC blocking voltage
45
Notes: 1. Thermal resistance from junction to case.
VDC
V
TA = 25
°C unless otherwise specified
Maximum Ratings
1 of 2
www.sunmate.tw
 Ultra low vf
 High efficiencty operation
 Low power loss
 High forward surge capability
 Lead free in compliance with EU RoHS
2011/65/EU directive
 Low stored charge majority carrier conduction
Feaures
TO-220AB
Ø3.84
±0.15
10.0±0.2
1.3±0.2
0.8±0.2
2.54±0.1
1.27±0.10
4.5±0.2
2.5±0.2
0.38±0.10
PIN1
PIN3
PIN2
PIN2
PIN 1
PIN 3
PIN 2 &
(case)
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
 Weight:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
TO-220AB 1.85 grams
 Circuit figure: Common cathode
Mechanical Data


Similar Part No. - STPS3045CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3045CT STMICROELECTRONICS-STPS3045CT Datasheet
196Kb / 9P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3045CT STMICROELECTRONICS-STPS3045CT Datasheet
284Kb / 9P
POWER SCHOTTKY RECTIFIER
Aug-2002
logo
Inchange Semiconductor ...
STPS3045CT ISC-STPS3045CT Datasheet
272Kb / 2P
Schottky Barrier Rectifier
logo
STMicroelectronics
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS3045CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL3030CT SIRECTIFIER-SBL3030CT Datasheet
100Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL3050PT SIRECTIFIER-SBL3050PT Datasheet
124Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
MBR20100L JUXING-MBR20100L Datasheet
2Mb / 2P
Low VF Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
MBRD1045LT CHENDA-MBRD1045LT Datasheet
919Kb / 4P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
MBR30200L JUXING-MBR30200L Datasheet
1Mb / 2P
Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com