Electronic Components Datasheet Search
  English  ▼

X  

7352 Datasheet(PDF) 1 Page - Filtran LTD

Part # 7352
Description  V.90 Modem Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

7352 Datasheet(HTML) 1 Page - Filtran LTD

  7352 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
V.90
An ISO 9001 Registered Company
The 7352 is designed for V.90 applications.
• Designed to reflect 600 ohms on PRI with 290 ohms on SEC.
• Low distortion, specifically designed for V.90 applications
Modem Transformer
7352
ELECTRICAL SPECIFICATION @ 25˚C
MECHANICAL AND SCHEMATIC (All dimensions in inches)
SCHEMATIC
SUGGESTED PAD LAYOUT
Turns
Ratio
±2%
DCR @ 20˚C
(Ω ±10%)
Frequency
Response
(dB)
Return
Loss
(dB min.)
Insertion
Loss
(dB max.)
Total Harmonic
Distortion
(dB max.)
Max D.C.
Unbalance
(mA)
Hipot
(VAC)
Part
Number
(PRI):(SEC)
PRI
SEC
300-3500Hz
300-3500Hz
1000Hz
600Hz, -10dBm
PRI-SEC
7352
1 : 1
141
171
±0.10
30
3.5
-85
0
1250
Longitudinal Balance 60 dB min 200 – 1000 Hz
40 dB min 1000 – 4000 Hz


Similar Part No. - 7352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7352 ETC2-7352 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7352 ETC2-7352 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
V-COIL THREAD SYSTEM
7352 V-COIL-7352 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Keystone Electronics Co...
7352 KEYSTONE-7352 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Bourns Electronic Solut...
7352-RC BOURNS-7352-RC Datasheet
88Kb / 1P
Common Mode Inductors/EMI Filters
More results

Similar Description - 7352

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
S574-1000-18 BEL-S574-1000-18 Datasheet
29Kb / 2P
MODEM MAGNETICS V.90 Modem Surface Mount Transformer
logo
Filtran LTD
6647 FILTRAN-6647 Datasheet
87Kb / 1P
V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
V.90 Modem Transformer
6743 FILTRAN-6743 Datasheet
98Kb / 1P
V.32 Modem Transformer
7197 FILTRAN-7197 Datasheet
183Kb / 1P
V.90 Modem transformer
7250 FILTRAN-7250 Datasheet
118Kb / 1P
V.90 Modem Transformer
logo
Allied Components Inter...
AEL127-4435 ALLIED-AEL127-4435 Datasheet
612Kb / 1P
EL12.7 V.90 Modem Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com