Electronic Components Datasheet Search
  English  ▼

X  

UPD6121 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD6121
Description  MOS INTEGRATED CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6121 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD6121 Datasheet HTML 22Page - Renesas Technology Corp UPD6121 Datasheet HTML 23Page - Renesas Technology Corp UPD6121 Datasheet HTML 24Page - Renesas Technology Corp UPD6121 Datasheet HTML 25Page - Renesas Technology Corp UPD6121 Datasheet HTML 26Page - Renesas Technology Corp UPD6121 Datasheet HTML 27Page - Renesas Technology Corp UPD6121 Datasheet HTML 28Page - Renesas Technology Corp UPD6121 Datasheet HTML 29Page - Renesas Technology Corp UPD6121 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
µPD6121, 6122
26
• 4-Bit Single-Chip Microcontroller for Programmable Remote Control Transmission
Part number
µPD6600
µPD6600A
µPD6124
µPD6124A
µPD6125A
Parameter
ROM capacity
512 x 10 bits
1002 x 10 bits
RAM capacity
32 x 5 bits
Oscillator
Ceramic oscillator
S0 (S-IN)
Read with left shift instruction
S1/LED (S-OUT)
Output
Key matrix (without Di)
8 x 4 = 32 keys
8 x 8 = 64 keys
Timer clock
fX/8
Stack
Also usable for RAM (3 levels)
Carrier frequency
fX/8, fX/12 (mask option)
Instruction execution time
16
µs (fX = 500 kHz)
Operating frequency
fX = 400 kHz to 500 kHz
Power supply voltage
VDD = 2.0 to 3.6 V
VDD = 2.2 to 3.6 V
VDD = 2.0 to 6.0 V
VDD = 2.2 to 5.5 V
VDD = 2.0 to 6.0 V
Operating ambient temperature
TA = –20 to +75
°C
Charge/discharge function (NOP)
Provided
Low voltage detector
Not provided
Low level is
Not provided
Low level is
Not provided
output to
ouput to
S-OUT pin
S-OUT pin
at detection
at detection
Package
• 20-pin plastic SOP
• 24-pin plastic
• 20-pin plastic shrink DIP
SOP
• 24-pin plastic
shrink DIP
PROM version
µPD61P24 (one-time PROM)
—
Caution If using the NEC transmission format, please contact NEC for the custom code.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com