Electronic Components Datasheet Search
  English  ▼

X  

UPD6466 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # UPD6466
Description  MOS INTEGRATED CIRCUIT
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6466 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button UPD6466 Datasheet HTML 43Page - Renesas Technology Corp UPD6466 Datasheet HTML 44Page - Renesas Technology Corp UPD6466 Datasheet HTML 45Page - Renesas Technology Corp UPD6466 Datasheet HTML 46Page - Renesas Technology Corp UPD6466 Datasheet HTML 47Page - Renesas Technology Corp UPD6466 Datasheet HTML 48Page - Renesas Technology Corp UPD6466 Datasheet HTML 49Page - Renesas Technology Corp UPD6466 Datasheet HTML 50Page - Renesas Technology Corp UPD6466 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
45
µPD6466
3.15 Display Character Control Command
This command specifies the character data to be written to the video RAM, blinking data, and character color.
When inputting this command, turn ON LC oscillation (if the oscillation is OFF, characters cannot be written to the
video RAM).
This command is a 2-byte successive command. To write character data successively without changing the blinking
data, character color, and character address bank, the second character and those that follow can be input in the
abbreviated form by using only the low-order 8 bits (D7 through D0). In this case, the write column address is
automatically incremented (If a character is written to the 23rd column, the next write address is automatically
incremented to column 0 (leftmost) on one row below. If characters have been written to the 23rd column on the 11th
row, the next write address is automatically incremented to column 0 on row 0).
0
1
2
⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅
21
22
23
Row n
Row n+1
Row address (
)
Row address increment
Column address (
)
0
1
2
⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅
21
22
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com