Electronic Components Datasheet Search
  English  ▼

X  

UPD6604 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD6604
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6604 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD6604 Datasheet HTML 24Page - Renesas Technology Corp UPD6604 Datasheet HTML 25Page - Renesas Technology Corp UPD6604 Datasheet HTML 26Page - Renesas Technology Corp UPD6604 Datasheet HTML 27Page - Renesas Technology Corp UPD6604 Datasheet HTML 28Page - Renesas Technology Corp UPD6604 Datasheet HTML 29Page - Renesas Technology Corp UPD6604 Datasheet HTML 30Page - Renesas Technology Corp UPD6604 Datasheet HTML 31Page - Renesas Technology Corp UPD6604 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
26
µPD6604
Data Sheet U11281EJ3V0DS00
6. RESET PIN
The system reset takes effect by inputting low level to the RESET pin.
While the RESET pin is at low level, the system clock oscillator is stopped and the OSCOUT pin is fixed to high-
impedance, the OSCIN pin is fixed to the GND.
If the RESET pin is raised from low level to high level, it executes the program from the 0 address after counting
60 to 116 of the system clock (fOSC).
Figure 6-1. Reset Operation by RESET Input
Wait
(60 to 116)/fOSC
HALT mode
Oscillation
stopped
OPERATING mode or
STANDBY mode
RESET
0 address start
OPERATING
mode
The RESET pin outputs low level when the POC circuit (mask option) is in operation.
Caution When connecting a reset IC to the RESET pin, ensure that the IC is of the N-ch open-drain output
type.
Table 6-1. Hardware Statuses After Resetting
• RESET Input in Operation
• RESET Input During STANDBY Mode
Hardware
• Resetting by Internal POC Circuit in Operation
• Resetting by the Internal POC Circuit During
• Resetting by Other FactorsNote 1
STANDBY Mode
PC (10 bits)
000H
SP (1 bit)
0B
Data
R0 = DP
000H
memory
R1-RF
Undefined
Previous status retained
Accumulator (A)
Undefined
• Status flag (F)
0B
• Carry flag (CY)
Timer (10 bits)
000H
Port register
P0
FFH
P1
×FHNote 2
Control register P3
03H
P4
26H
Notes 1. The following resets are available.
• Reset when executing the HALT instruction (when the operand value is illegal or does not satisfy
the precondition)
• Reset when executing the RLZ instruction (when A = 0)
• Reset by stack pointer’s overflow or underflow
2. Refers to the value by the KI pin status.
In order to prevent malfunction, be sure to input a low level to more than one of pins KI0 to KI3 when
reset is released (when RESET pin changes from low level to high level, or POC is released due to
supply voltage startup).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com