Electronic Components Datasheet Search
  English  ▼

X  

MCP16331 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 1 Page - Microchip Technology

  MCP16331_V01 Datasheet HTML 1Page - Microchip Technology MCP16331_V01 Datasheet HTML 2Page - Microchip Technology MCP16331_V01 Datasheet HTML 3Page - Microchip Technology MCP16331_V01 Datasheet HTML 4Page - Microchip Technology MCP16331_V01 Datasheet HTML 5Page - Microchip Technology MCP16331_V01 Datasheet HTML 6Page - Microchip Technology MCP16331_V01 Datasheet HTML 7Page - Microchip Technology MCP16331_V01 Datasheet HTML 8Page - Microchip Technology MCP16331_V01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 1
MCP16331
Features
• Up to 96% Efficiency
• Input Voltage Range: 4.4V to 50V
• Output Voltage Range: 2.0V to 24V
• 2% Output Voltage Accuracy
• Passes Automotive AEC-Q100 Reliability Testing
• Integrated N-Channel Buck Switch: 600 m
• Minimum 500 mA Output Current Over All Input
Voltage Ranges (see Figure 2-9 for Maximum
Output Current vs. VIN)
- Up to 1.2A output current at 3.3V and
5V VOUT, VIN > 12V, SOT-23 package at
+25°C ambient temperature
- Up to 0.8A output current at 12V VOUT,
VIN > 18V, SOT-23 package at 
+25°C ambient temperature
•500 kHz Fixed Frequency
• Adjustable Output Voltage
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Soft Start
• Internal Compensation
• Internal Pull-up on the Enable pin
• Stable with Ceramic Capacitors
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO): 4.1V to Start;
3.6V to Stop
• Overtemperature Protection
• Available Packages: 6-Lead SOT-23,
8-Lead 2 mm x 3 mm TDFN
Applications
•PIC® Microcontroller and dsPIC® Digital Signal
Controller Bias Supply
• 48V, 24V and 12V Industrial Input DC-DC
Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• AC/DC Adapters
• SLA Battery-Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
•Consumer
• Medical and Health Care
• Distributed Power Supplies
General Description
The MCP16331 device is a highly integrated,
high-efficiency, fixed-frequency, step-down DC-DC
converter in a popular 6-pin SOT-23 or 8-pin
2 mm x 3 mm TDFN package, that operates from input
voltage sources up to 50V. Integrated features include a
high-side switch, fixed frequency Peak Current-Mode
control, internal compensation, peak current limit and
overtemperature protection. Only a few external
components are necessary to develop a complete
step-down DC-DC converter power supply.
High converter efficiency is achieved by integrating the
current-limited, low-resistance, high-speed N-Channel
MOSFET and its associated driving circuitry. High
switching frequency minimizes the size of external
filtering components, resulting in a small solution size.
The MCP16331 can supply 500 mA of continuous
current while regulating the output voltage from 2.0V to
24V. An integrated, high-performance Peak Cur-
rent-Mode architecture keeps the output voltage tightly
regulated, even during input voltage steps and output
current transient conditions that are common in power
systems.
The EN input is used to turn the device on and off.
While off, only a few µA of current are consumed from
the input for power shedding and load distribution
applications. This pin is internally pulled up, so the
device will start, even if the EN pin is left floating.
Output voltage is set with an external resistor divider.
The MCP16331 is offered in a space-saving 6-lead
SOT-23 and 8-lead 2 mm x 3 mm TDFN surface mount
package.
Package Type
MCP16331
6-Lead SOT-23
MCP16331
8-Lead 2 mm x3 mm
TDFN*
VFB
GND
EN
1
2
3
6
4
SW
BOOST
5 VIN
NC
EN
NC
1
2
3
4
8
7
6
5
SW
EP
9
VIN
BOOST
VFB
GND
*Includes Exposed Thermal Pad (EP); see Table 3-1.
High-Voltage Input Integrated Switch Step-Down Regulator


Similar Part No. - MCP16331_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16331-E/CH MICROCHIP-MCP16331-E/CH Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16331-E/MNY MICROCHIP-MCP16331-E/MNY Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16331T-E/CH MICROCHIP-MCP16331T-E/CH Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16331T-E/MNY MICROCHIP-MCP16331T-E/MNY Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
More results

Similar Description - MCP16331_V01

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
High Voltage Step Down Regulator
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
High Voltage Step-Down Regulator
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301 Datasheet
974Kb / 38P
High Voltage Input Integrated Switch Step-Down Regulator
2011
logo
Allegro MicroSystems
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
High Voltage Step Down Regulator
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16301 MICROCHIP-MCP16301_15 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
MCP16311 MICROCHIP-MCP16311_V01 Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com