Electronic Components Datasheet Search
  English  ▼

X  

1428665 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1428665
Description  SAC-6P-MS/ 5,0-970/FS SCO - Bus system cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1428665 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1428665 Datasheet HTML 1Page - PHOENIX CONTACT 1428665 Datasheet HTML 2Page - PHOENIX CONTACT 1428665 Datasheet HTML 3Page - PHOENIX CONTACT 1428665 Datasheet HTML 4Page - PHOENIX CONTACT 1428665 Datasheet HTML 5Page - PHOENIX CONTACT 1428665 Datasheet HTML 6Page - PHOENIX CONTACT 1428665 Datasheet HTML 7Page - PHOENIX CONTACT 1428665 Datasheet HTML 8Page - PHOENIX CONTACT 1428665 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Bus system cable, VARAN (100 Mbps), 6-position, shielded, Plug straight M12, coding: A
SPEEDCON, on Socket straight M12, coding: A SPEEDCON, cable length: 5 m
Commercial Data
Item number
1428665
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Product Key
BF1CMM
Catalog Page
Page 324 (PC-2011)
GTIN
4046356322942
Weight per Piece (including packing)
421.5 g
Weight per Piece (excluding packing)
390 g
Country of origin
PL
SAC-6P-MS/ 5,0-970/FS SCO - Bus system cable
1428665
https://www.phoenixcontact.com/us/products/1428665
Aug 22, 2023, 2:04 AM
Page 1 (10)


Similar Part No. - 1428665

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1428607 PHOENIX-1428607 Datasheet
362Kb / 9P
SAC-6P-15,0-970/FS SCO - Bus system cable
logo
raaco Great Britain Ltd
142861 RAACO-142861 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
PHOENIX CONTACT
1428610 PHOENIX-1428610 Datasheet
365Kb / 9P
SAC-6P- 2,0-970/FR SCO - Bus system cable
1428622 PHOENIX-1428622 Datasheet
1Mb / 14P
CHARX T2HBI12-DC250-4,0M6 - Vehicle charging inlet
1428623 PHOENIX-1428623 Datasheet
365Kb / 9P
SAC-6P- 5,0-970/FR SCO - Bus system cable
More results

Similar Description - 1428665

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1518290 PHOENIX-1518290 Datasheet
157Kb / 10P
Bus system cable - SAC-5P-MS/ 5,0-920/FS SCO
09/11/2020
1428571 PHOENIX-1428571 Datasheet
362Kb / 9P
SAC-6P- 2,0-970/FS SCO - Bus system cable
1428584 PHOENIX-1428584 Datasheet
362Kb / 9P
SAC-6P- 5,0-970/FS SCO - Bus system cable
1428623 PHOENIX-1428623 Datasheet
365Kb / 9P
SAC-6P- 5,0-970/FR SCO - Bus system cable
1428652 PHOENIX-1428652 Datasheet
456Kb / 10P
SAC-6P-MS/ 2,0-970/FS SCO - Bus system cable
1428526 PHOENIX-1428526 Datasheet
374Kb / 9P
SAC-6P-MS/15,0-970 SCO - Bus system cable
1428610 PHOENIX-1428610 Datasheet
365Kb / 9P
SAC-6P- 2,0-970/FR SCO - Bus system cable
1428597 PHOENIX-1428597 Datasheet
362Kb / 9P
SAC-6P-10,0-970/FS SCO - Bus system cable
1428681 PHOENIX-1428681 Datasheet
456Kb / 10P
SAC-6P-MS/15,0-970/FS SCO - Bus system cable
1428607 PHOENIX-1428607 Datasheet
362Kb / 9P
SAC-6P-15,0-970/FS SCO - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com