Electronic Components Datasheet Search
  English  ▼

X  

2170489 Datasheet(PDF) 1 Page - Lapp.

Part # 2170489
Description  ETHERLINE FD P Cat. 5e 4x2x26/19 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170489 Datasheet(HTML) 1 Page - Lapp.

  2170489 Datasheet HTML 1Page - Lapp. 2170489 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170489
DATA SHEET
valid from:
2023-07-31
ETHERLINE FD P Cat. 5e
4x2x26/19 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170489EN
Version:
20
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PDC 0019/06_03.23EN
Application
Field of use:
Highly flexible Industrial Ethernet cable for generic cable system acc. to ISO/IEC 11801 and
EN 50173. Suitable for applications in energy chains and permanent moved machine parts. Meeting
the transmission requirements of IEC 61156-6, Category 5e and EN 50288-2-2.
Performance:
4-pair, overall braid screened symmetrical cable (S/UTP), having a nominal impedance of 100 Ω,
supporting a bandwidth of 2.5 Gbit/s (e.g. 100BASE-T, 1000BASE-T, 2.5GBASE-T) over up to 60 m.
Characteristics:
flame retardant, halogen free, oil resistant, UV resistant, abrasion resistant, mechanical resistant,
largely resistant to acids and alkalis
Applications:
EtherCAT, EtherNet/IP and other
Design
Certification
E63634 cRUus AWM Style 21576 AWM I/II A/B 1000 V 80 °C FT2 acc. to UL 758 and CSA
C22.2 No.210
Conductor
fine-wire stranded tinned copper
26/19 AWG (0.14 mm²)
Insulation
PO (Polyolefine)
core diameter:
max. 1.08 mm
Core identification code
pair 1: white-blue/blue; pair 2: white-orange/orange;
pair 3: white-green/green; pair 4: white-brown/brown
Stranding
cores twisted to pairs
four pairs stranded to bundle
Inner sheath
TPE (Thermoplastic elastomer)
outer diameter:
nom. 5.2 mm
Screen
braid of tinned copper wire (coverage: nom. 85 %)
Outer sheath
TPU (Thermoplastic polyurethane)
blue, similar RAL 5021
outer diameter:
6.3 mm ± 0.3 mm
dl safjl öjf
Electrical properties at 20 °C
Loop resistance
20 °C:
≤ 28.0 Ω/100 m
Test voltage
core/core:
3000 V
core/screen:
3000 V
Rated voltage
UL:
1000 V
Maximum operating voltage
IEC/EN:
125 V (not intended to be used in conjunction with low impedance
sources, such as power grids)
Insulation resistance
20 °C:
≥ 5 GΩxkm
Mutual capacitance
1 kHz:
nom. 50 nF/km
Capacitance unbalance
1 kHz:
≤ 1600 pF/km
Transfer impedance
Grade 2 acc. to IEC 61156-6
1 MHz:
≤ 50 mΩ/m
10 MHz:
≤ 100 mΩ/m
30 MHz:
≤ 200 mΩ/m
100 MHz:
≤ 1000 mΩ/m


Similar Part No. - 2170489

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170482 LAPP-2170482 Datasheet
277Kb / 2P
ETHERLINE® TORSION Y CAT6A 4x2xAWG24/7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170488 LAPP-2170488 Datasheet
222Kb / 2P
ETHERLINE® FD P CAT.6 4x2x26/19AWG
23.03.2020
logo
TE Connectivity Ltd
2170488-2 TEC-2170488-2 Datasheet
117Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170489

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
BE43769 BELDEN-BE43769 Datasheet
158Kb / 3P
RailTuff Cat 5e, PROFINET, AWG 22 (19)
2022 Belden, Inc
logo
Lapp.
2170433 LAPP-2170433 Datasheet
393Kb / 2P
ETHERLINE P EC FD Cat. 5e 1x4x26/19 AWG
2023-08-11
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170488 LAPP-2170488 Datasheet
222Kb / 2P
ETHERLINE® FD P CAT.6 4x2x26/19AWG
23.03.2020
2170283 LAPP-2170283 Datasheet
302Kb / 2P
ETHERLINE H Flex Cat. 5e 2x2x26/7 AWG
2023-07-31
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
2170934 LAPP-2170934 Datasheet
389Kb / 2P
ETHERLINE Cat. 7 FLEX 4x2x26/7 AWG
2023-08-11
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com