Electronic Components Datasheet Search
  English  ▼

X  

2170495 Datasheet(PDF) 2 Page - Lapp.

Part # 2170495
Description  UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170495 Datasheet(HTML) 2 Page - Lapp.

  2170495 Datasheet HTML 1Page - Lapp. 2170495 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170495
DATA SHEET
Valid from:
02.10.2018
UNITRONIC® BUS PB FD P HYBRID
1X2X0,64+4X1,5
Creator: TOST/PDC
Released: ALTE/PDC
Document: DB2170495EN
Version: 01
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Mechanical characteristics
Minimum bending radius
flexible use:
15 x cable Ø
fixed installation: 8 x cable Ø
Permissible temperature range
flexible use:
-30 ˚C up to +70 ˚C
fixed installation: -40 ˚C up to +80 ˚C
Flame propagation
flame retardant acc. to IEC 60332-1-2,
FT1 and VW-1 acc. to UL1581
Halogen acid gas content
In acc. with IEC 60754-1/-2 and
EN50267-2-1/-2-2
Oil resistance
acc. to IEC 60811-2-1,
ASTM-oil 1 and ICEA S-82-552 Std.
Electrical characteristics
Max. DC-Resistance
power supply
13.3 Ω / km
data
84.0 Ω / km
DC-Resistance (loop)
145.0 Ω / km
Insulation resistance
min. 5 GΩ x km
Mutual capacitance
nom. 30 nF/km at 1 kHz
Characteristic impedance
150 Ω ± 15% from 1 up to 20 MHz
Velocity of propagation
approx. 0.78 c
Attenuation
0,3 dB/100m @ 9,6 kHz
0,5 dB/100m @ 38,4 kHz
0,7 dB/100m @ 200 kHz
2,5 dB/100m @ 4 MHz
4,9 dB/100m @ 16 MHz
5,7 dB/100m @ 20 MHz
Max. operating voltage
300 V (only for power cores)
Test voltage
power supply
core/core:
2.5 kV
data
core/core:
2.5 kV
Standard
EU-Directive
Dangerous and forbidden substances acc. to RoHS
directive (2011/65/EU) are not allowed to the
manufacturing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com