Electronic Components Datasheet Search
  English  ▼

X  

2170496 Datasheet(PDF) 1 Page - Lapp.

Part # 2170496
Description  ETHERLINE® Cat.5 ARM 1x4x22/1 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170496 Datasheet(HTML) 1 Page - Lapp.

  2170496 Datasheet HTML 1Page - Lapp. 2170496 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170496
DATA SHEET
valid from:
30.03.2021
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170496EN
Version:
06
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
Field of use:
Installation cable for generic cabling systems acc. to
ISO/IEC 11801 and EN 50173
Performance:
Bandwidth up to 100 MHz acc. to IEC 61156-5 Category 5e
and EN 50288‑2-1, compliant to the "PROFINET Cabling and
Interconnection Technology" guideline
Characteristics:
flame retardant and largely resistant to acids, alkalis and certain
oils, armoring off two layers galvanized steel tape guarantees a
safe rodent protection
Applications:
PROFINET, EtherCAT, EtherNet/IP, Power over Ethernet
(IEEE 802.3af), Power over Ethernet Plus (IEEE 802.3at)
and many others
Design
Conductor
solid bare copper
22/1 AWG
Insulation
polyolefin
core diameter:
nom. 1.5 mm
Core identification code
pair 1: white/blue, pair 2: yellow/orange
Stranding
4 cores twisted in star quad construction
on top:
plastic tape (overlapping)
Screen
plastic laminated aluminium foil (overlapping)
on top:
braid of tinned copper wires (coverage 85 % ±5 %)
Outer sheath
Layer 1: PVC
green, similar RAL 6018
diameter:nom. 6.5 mm
Layer 2: 2 layers of galvanized steel tape
Layer 3: PE
black, similar RAL 9005
outer diameter:
nom. 9.3 mm
dl safjl öjf
Electrical properties at 20 °C
Loop resistance
≤ 11.82 Ω/100 m
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
nom. 48 nF/km
Characteristic impedance
nom. 100 Ω acc. to IEC 61156-5
Velocity of propagation
0.67c
Signal propagation time
≤ 530 ns/100 m
Delay skew
≤ 25 ns/100 m
Peak operating voltage
EN:
100 V (not for power purposes)
Test voltage
core/core:
1000 V
core/screen:
1000 V


Similar Part No. - 2170496

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170495 LAPP-2170495 Datasheet
108Kb / 2P
UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
02.10.2018
More results

Similar Description - 2170496

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170280 LAPP-2170280 Datasheet
259Kb / 2P
ETHERLINE® H Cat.5¢ 2x2xAWG24
01.01.2019
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170889 LAPP-2170889 Datasheet
244Kb / 2P
ETHERLINE® MARINE FRNC FC CAT.5 2x2x22/7 AWG
05.07.2021
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com