Electronic Components Datasheet Search
  English  ▼

X  

2170856 Datasheet(PDF) 1 Page - Lapp.

Part # 2170856
Description  UNITRONIC® BUS PB TRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170856 Datasheet(HTML) 1 Page - Lapp.

  2170856 Datasheet HTML 1Page - Lapp. 2170856 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170856
DATA SHEET
valid from:
01.01.2019
.
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170856EN
Version:
02
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
Data cable for fieldbus system PROFIBUS DP and PROFIBUS FMS (Siemens SIMATIC NET) with “fast connect” design. The cable is designed
for the system-defined transmission rates of 9.6 kbit/s up to 12 Mbit/s, the transmission characteristics are conform to the system and
guarantee a high operating security during the data transmission. The cable is intended for fixed installation.
Design
Certification
c(UL)us type CMG (75 °C) acc. to UL 444 and CSA C22.2 No. 217-02; UL type PLTC-ER acc. to UL
13;
UL AWM style 20201 (PVC, 60 °C, 600 V, external wiring)
Conductor
bare copper wire, ∅ ca. 0.64 mm
Insulation
foam skin PO,
core diamter ca. 2.55 mm
Core identification code
a-core red, b-core green
Stranding
two cores starnded together
Inner sheath
PVC, outer diameter ca. 5.5 mm
Screen
one layer plastic laminated aluminium foil
on top:
braid of tinned copper wires, coverage ca. 60%
Taping
one layer plastic foil
Outer sheath
PVC compound,
violet (similar to RAL 4001),
outer diameter: ca. 8.4 mm
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 110 Ω/km
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
ca. 30 nF/km
(at 1 kHz)
Characteristic impedance
9.6 kHz: 270 Ω ± 27 Ω
38.4 kHz: 185 Ω ± 18.5 Ω
3 bis 20 Mhz: 150 Ω ± 15 Ω
Attenuation
9.6 kHz: max. 0.25 dB/100 m
38.4 kHz: max. 0.4 dB/100 m
4 MHz: max. 2.2 dB/100 m
16 MHz: max. 4.2 dB/100 m
Test voltage
conductor/conductor 2000 V
conductor/screen
2000 V


Similar Part No. - 2170856

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170850 LAPP-2170850 Datasheet
241Kb / 2P
ETHERLINE® HEAT Cat. 5e FLOYBC11Y 4x2x0,22sn
01.02.2019
2170857 LAPP-2170857 Datasheet
65Kb / 1P
UNITRONIC® BUS CAN TRAY
01.01.2019
More results

Similar Description - 2170856

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170220 LAPP-2170220 Datasheet
174Kb / 2P
UNITRONIC® BUS PB 1x2x0.64
01.01.2019
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170236 LAPP-2170236 Datasheet
175Kb / 2P
UNITRONIC® BUS PB YY 1x2x0,64
01.01.2019
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170495 LAPP-2170495 Datasheet
108Kb / 2P
UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
02.10.2018
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170630 LAPP-2170630 Datasheet
181Kb / 2P
UNITRONIC® BUS PB 105
01.01.2019
2170857 LAPP-2170857 Datasheet
65Kb / 1P
UNITRONIC® BUS CAN TRAY
01.01.2019
2170996 LAPP-2170996 Datasheet
68Kb / 1P
UNITRONIC® BUS PB FRNC FC
01.02.2019
DB2170332 LAPP-DB2170332 Datasheet
73Kb / 1P
UNITRONIC BUS PB TORSION 1x2x0,8
30.01.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com