Electronic Components Datasheet Search
  English  ▼

X  

2170901 Datasheet(PDF) 1 Page - Lapp.

Part # 2170901
Description  ETHERLINE™ Y CAT.5e BK 2x2xAWG 22/7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170901 Datasheet(HTML) 1 Page - Lapp.

  2170901 Datasheet HTML 1Page - Lapp. 2170901 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170901
DATA SHEET
valid from:
01.01.2019
CAT.5e BK
2 x 2 x AWG 22/7
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170901EN
Version:
02
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
ETHERLINE Y CAT.5e BK 2x2xAWG22/7 is a CATEGORY 5e high speed data transmission cable suitable for application in the industrial
environment according to PROFINET Type C. The cable has a black UV- resistant PVC outer sheath. The data cable meets the requirements
of Standards EIA/TIA-568, TSB-36 and ISO/IEC 11801 “Generic Cabling for Customer Premises” for Class D Links.
The high quality screening ensures a high security during data transmission in areas with electromagnetic fields. The cable is designed for
stationary applications and occasional movements in dry and wet rooms. It may be used outside regarding the thermal characteristics.
At room temperature, the cable is widely resistant against impact of acids, soaps and certain oils. Permanent, operational movements,
forced guidance respectively the use of cable reels or rolls or under tensile stress with more than 15 N/mm² conductor cross-section are
not allowed.
Design
Conductor
stranded bare copper wire,
AWG 22/7 conductor ø 0.75 mm
Insulation
Polyolefin
core ø approx.. 1.5 mm
Core identification code
pair 1: white + blue
pair 2: yellow + orange
Stranding
cores stranded to a quad, 1 layer plastic foil (overlapped)
Screen
aluminium laminated foil (metal side outside, overlapped)
braid of tinned copper wires
coverage approx. 85 %
Outer sheath
PVC mixture TM2 according to EN50363-4-1
Colour: black similar RAL 9005
Outer ∅ approx. 6.2 mm
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 115 Ω/km
Insulation resistance
min. 5 GΩ x km
Mutual capacitance
nom. 48 nF/km (@ 800 Hz)
Characteristic impedance
nom. 100 Ω acc. to IEC 61156-5
100 ± 15 Ω (1 MHz up to 100 MHz)
Peak operating voltage
125 V (not for power purposes)
Test voltage
conductor/conductor 1000 V
conductor/screen
500 V
.


Similar Part No. - 2170901

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2170902-1 TEC-2170902-1 Datasheet
597Kb / 1P
ASSEMBLY DRAWING,HM-eZD VERTICAL,HEADER,4PAIRS 10COLUMNS
2170903-1 TEC-2170903-1 Datasheet
414Kb / 1P
ASSEMBLY, Z-Pack HM-eZd , RECEPTACLE, 4 PAIR, 10COLUMN
logo
Lapp.
2170905 LAPP-2170905 Datasheet
268Kb / 2P
ETHERLINE® FIRE Cat.5e PH120 4x2x23/1AWG
29.05.2018
More results

Similar Description - 2170901

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170451 LAPP-2170451 Datasheet
266Kb / 2P
ETHERLINE®™ ROBUST PN Cat. 5e
01.01.2019
2170454 LAPP-2170454 Datasheet
267Kb / 2P
ETHERLINE® ROBUST PN FR Cat. 5e
01.01.2019
2170464 LAPP-2170464 Datasheet
246Kb / 2P
ETHERLINE™ Y Cat. 6A 4x2x22/1 AWG
09.08.2021
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170283 LAPP-2170283 Datasheet
302Kb / 2P
ETHERLINE H Flex Cat. 5e 2x2x26/7 AWG
2023-07-31
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170936 LAPP-2170936 Datasheet
273Kb / 2P
ETHERLINE® FESTOON PN Cat.5e
01.01.2019
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com