Electronic Components Datasheet Search
  English  ▼

X  

2170905 Datasheet(PDF) 2 Page - Lapp.

Part # 2170905
Description  ETHERLINE® FIRE Cat.5e PH120 4x2x23/1AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170905 Datasheet(HTML) 2 Page - Lapp.

  2170905 Datasheet HTML 1Page - Lapp. 2170905 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170905
DATA SHEET
Valid from:
29.05.2018
4x2x23/1AWG
Creator: TOST/PDC
Released: ALTE/PDC
Document: DB2170905EN
Version: 03
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical characteristics
DC-Resistance (loop)
max. 134.0 Ω/km
Insulation resistance
min. 2 GΩ x km
Mutual capacitance
nom. 65 nF/km at 1 kHz
Characteristic impedance
nom. 100 Ω acc. to IEC 61156-5
Operating peak voltage
125 V (not for power purposes)
Velocity of propagation
approx. 0.67 c
Signal propagation time
nom. 510 ns/100m
Test voltage
core/core:
700 V
core/screen:
700 V
Transmission properties
Transmission properties acc. to IEC 61156-5 for Category Cat.5e:
f
[MHz]
Attenuation
[dB/100m]
PS NEXT
[dB]
EL FEXT
[dB]
Return Loss
[dB]
Standard
Standard
Standard
Standard
1*
2.1
62.3
64.0
20.0
4
4.1
53.3
52.0
23.0
10
6.5
47.3
44.0
25.0
16
8.3
44.2
39.9
25.0
31,25
11.7
39.9
34.1
23.6
62,5
17.0
35.4
28.1
21.5
100
22.0
32.3
24.0
20.1
* Extract of normative minimum requirements
Standard
EU-Directive
Dangerous and forbidden substances acc. to RoHS
directive (2011/65/EU) are not allowed to the
manufacturing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com