Electronic Components Datasheet Search
  English  ▼

X  

7038889 Datasheet(PDF) 1 Page - Lapp.

Part # 7038889
Description  UNITRONIC SENSOR FD Lif9Y11Y
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

7038889 Datasheet(HTML) 1 Page - Lapp.

  7038889 Datasheet HTML 1Page - Lapp. 7038889 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7038889
DATA SHEET
valid from:
2023-01-11
UNITRONIC SENSOR FD Lif9Y11Y
Creator:
PESA / PDC
Released:
ALTE / PDC
Document: DB7038889EN
Version:
06
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
UNITRONIC SENSOR FD Lif9Y11Y are sensor/actuator cables, designed for applications in power chains.
Design
Design
based on UL AWM Style 10493 (Insulation) and 20549 (Jacket),
UL 758, CSA C22.2 No. 210 (80°C, 300 V)
Certification
UL AWM Style 20549 (File No. E63634), UL 758
⌎ AWM I/II A/B (File No. E63634)
Conductor
superfine wire strands of bare copper wires
Insulation
polypropylene
Core identification code
according to EN 60947-5-2
3-core: brown, blue, black
4-core: brown, white, blue, black
5-core: brown, white, blue, black, grey
8-core: white, brown, green, yellow, grey, pink, blue, red
Stranding
cores stranded to bundle, talced
5-core: central filler
Outer sheath
PUR
Colour: black (similar RAL 9005)
.
Diameter of the outer sheath
Article number
Dimension
Outer sheath ∅
7038883
7038884
7038867
7038868
7038864
7038865
7038866
7038889
7038890
7038893
3x0.25 mm²
4x0.25 mm²
5x0.25 mm²
8x0.25 mm²
3x0.34 mm²
4x0.34 mm²
5x0.34 mm²
3x0.25 mm²
4x0.25 mm²
5x0.34 mm²
ca. 4.4 mm
ca. 4.7 mm
ca. 4.7 mm
ca. 5.9 mm
ca. 4.6 mm
ca. 4.7 mm
ca. 5.1 mm
ca. 3.6 mm (optimized)
ca. 3.9 mm (optimized)
ca. 4.5 mm (optimized)
Electrical properties at 20 °C
Conductor resistance
0.25 mm²: max. 79 Ω/km
0.34 mm²: max. 57 Ω/km
Specific volume resistivity
7x10¹⁵ Ω x cm
Maximum operating voltage
300 V (not for power applications)
Must not be connected to the mains supply voltage.
Test voltage
C/C: 2000 V
Mechanical and thermal properties
Minimum bending radius
Flexing: 10 x outer diameter
Fixed installation: 5 x outer diameter
Temperature range
EN:
Flexing: -25˚C up to +80˚C max. conductor temperature
Fixed installation: -40˚C up to +80˚C max. conductor temperature
UL AWM: up to +80˚C max. conductor temperature
Number of cycles
min. 4 mio. alternating bending cycles (max. 60˚C)
Travel distance
10 m length, min. 10 x cable ∅, max. 3 m/s, max. 10 m/s²
Flammability
flame retardant acc. to UL 1581 FT-2
Halogen free
acc. to VDE 0472-815
.
General requirements
These cables are conform to
EU-Directive 2014/35/EU (Low Voltage Directive) and to
EU-Directive 2011/65/EU (RoHS, Restriction of the use of certain
hazardous substances).


Similar Part No. - 7038889

ManufacturerPart #DatasheetDescription
logo
Lapp.
7038881 LAPP-7038881 Datasheet
67Kb / 1P
UNITRONIC® SENSOR Li9Y11Y 3x1 8x0,5
01.01.2019
More results

Similar Description - 7038889

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
2170370 LAPP-2170370 Datasheet
109Kb / 2P
UNITRONIC® BUS CC FD P FRNC 3x1xAWG20
11139500 LAPP-11139500 Datasheet
87Kb / 2P
UNITRONIC® FD CP (TP) plus A
2021-12-17
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
2170818 LAPP-2170818 Datasheet
187Kb / 2P
UNITRONIC® BUS IBS FD P COMBI A
01.01.2019
2170822 LAPP-2170822 Datasheet
178Kb / 2P
UNITRONIC BUS PB FD P A
01.01.2019
2170997 LAPP-2170997 Datasheet
67Kb / 1P
UNITRONIC™ BUS PB FD FRNC FC 1x2x0.64
01.02.2019
7038897 LAPP-7038897 Datasheet
73Kb / 1P
UNITRONIC® ROBUST S/A FD
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com