Electronic Components Datasheet Search
  English  ▼

X  

6302FC Datasheet(PDF) 1 Page - Belden Inc.

Part # 6302FC
Description  Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6302FC Datasheet(HTML) 1 Page - Belden Inc.

  6302FC Datasheet HTML 1Page - Belden Inc. 6302FC Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 6302FC
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
Product Description
Security, Pro Audio & Intercom Cable, 4 Conductor 18 AWG stranded (7x26) bare copper conductors with FEP insulation, Beldfoil® shield, Plenum,
Flamarrest® jacket with ripcord.
Technical Specifications
Product Overview
Suitable Applications:
Pro Audio, Intercom/PA Systems, Security Systems
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 4
18 AWG 7x26
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.006 in (0.15 mm) 0.059 in (1.5 mm)
Black, Red, White, Green
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
20 AWG (7x28) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.176 in
Yes
Overall Cable Diameter (Nominal):
0.176 in
Electrical Characteristics
Electricals
Nom. Conductor
DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
6.5 Ohm/1000ft
52 pF/ft (170 pF/m)
102.6 pF/ft (336.6 pF/m)
4 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
1.76 in (44.7 mm) 1.76 in


Similar Part No. - 6302FC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6302FE BELDEN-6302FE Datasheet
192Kb / 2P
Security & Sound, #18-4c, BC, Shielded, CMP
04-03-2023
6302FE-8771000 BELDEN-6302FE-8771000 Datasheet
192Kb / 2P
Security & Sound, #18-4c, BC, Shielded, CMP
04-03-2023
6302FE-877500 BELDEN-6302FE-877500 Datasheet
192Kb / 2P
Security & Sound, #18-4c, BC, Shielded, CMP
04-03-2023
6302FE-877C250 BELDEN-6302FE-877C250 Datasheet
192Kb / 2P
Security & Sound, #18-4c, BC, Shielded, CMP
04-03-2023
6302FE-877U1000 BELDEN-6302FE-877U1000 Datasheet
192Kb / 2P
Security & Sound, #18-4c, BC, Shielded, CMP
04-03-2023
More results

Similar Description - 6302FC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6101FE BELDEN-6101FE Datasheet
178Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, Shielded, Plenum
12-20-2022
4302FLW BELDEN-4302FLW Datasheet
155Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, LSZH, Shielded, Cca
08-25-2023
6300FC BELDEN-6300FC Datasheet
179Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6301FE BELDEN-6301FE Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6343PC BELDEN-6343PC Datasheet
183Kb / 2P
Security & Sound, 4 Pair 18 AWG BC, Individually Shielded, Plenum
12-20-2022
6400FC BELDEN-6400FC Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, Plenum
12-20-2022
6300FH BELDEN-6300FH Datasheet
147Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Plenum
12-20-2022
6500FC BELDEN-6500FC Datasheet
180Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6501FE BELDEN-6501FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Shielded, Plenum
03-29-2023
6502FC BELDEN-6502FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com