Electronic Components Datasheet Search
  English  ▼

X  

8728 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8728
Description  Special Audio, 2 Pair 22 AWG TC, Shielded, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8728 Datasheet(HTML) 1 Page - Belden Inc.

  8728 Datasheet HTML 1Page - Belden Inc. 8728 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8728
Special Audio, 2 Pair 22 AWG TC, Shielded, CM
Product Description
Audio, 2 Pair 22 AWG stranded (7x30) TC conductors, polypropylene insulation, cabled in pairs, overall Beldfoil® shield (100% coverage), 24 AWG stranded
TC drain wires, CM, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Size Stranding
Material
22
7x30
TC - Tinned Copper
Insulation
Material
Nom. Insulation Diameter
Color Code
PP - Polypropylene 0.05 in (1.3 mm)
Black & Red, White & Green
Inner Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Tape
Polyester
100%
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.028 in (0.71 mm) 0.215 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
17 Ohm/1000ft (56
Ohm/km)
35 pF/ft (110 pF/m)
62 pF/ft (200 pF/m)
50 Ohm
66%
2.3 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V RMS (UL AWM Style 2717)
Mechanical Characteristics
Temperature
UL Temperature
Operating


Similar Part No. - 8728

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8728 MALLORY-8728 Datasheet
369Kb / 8P
Soft Touch Rev Control
logo
Molex Electronics Ltd.
87280-0900 MOLEX9-87280-0900 Datasheet
91Kb / 3P
2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 9Circuits
87280-1100 MOLEX9-87280-1100 Datasheet
91Kb / 3P
2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 11 Circuits
87280-1300 MOLEX9-87280-1300 Datasheet
91Kb / 3P
2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 13 Circuits
logo
List of Unclassifed Man...
87280601000 ETC2-87280601000 Datasheet
101Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation, cabled in pairs, overall Beldfoil
More results

Similar Description - 8728

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8451 BELDEN-8451 Datasheet
270Kb / 2P
Audio & Instrumentation, 1 Pair 22 AWG, TC, O/A Foil, CM
9451 BELDEN-9451 Datasheet
268Kb / 2P
Audio Cable, 1 Pair 22 AWG TC, Shielded, Riser
1504A BELDEN-1504A Datasheet
192Kb / 2P
Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
9451PS6 BELDEN-9451PS6 Datasheet
174Kb / 3P
Audio Snake Cable, 6 Pair 22 AWG, TC, Indiv. Shielded, CMP
11-09-2022
8723SB BELDEN-8723SB Datasheet
142Kb / 2P
Audio & Instrumentation, 2 Pair 22 AWG, TC, Individually Shielded, Shipboard
01-20-2023
9451PS4 BELDEN-9451PS4 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
9451WB BELDEN-9451WB Datasheet
169Kb / 2P
Audio Cable, 1 Pair 22 AWG, TC, Shielded, Waterblocked
12-20-2022
1801BD BELDEN-1801BD Datasheet
172Kb / 3P
Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP
11-09-2022
1802B BELDEN-1802B Datasheet
171Kb / 4P
Audio Cable, 2 Pair 24 AWG, TC, CMR
12-19-2022
1325R BELDEN-1325R Datasheet
155Kb / 2P
Security & Commercial Audio, 2 Pair 22 AWG BC, CMR
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com