Electronic Components Datasheet Search
  English  ▼

X  

8313 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8313
Description  RJ-45 Connector with CMC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8313 Datasheet(HTML) 1 Page - Filtran LTD

  8313 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATION @ 25˚C
RJ-45
• Same size as RJ-45 connector to save PCB board space
• Designed for reduced EMI radiation
• Operating temperature: 0°C to +70°C
• Storage temperature: +25°C to +125°C
• Operating life: 750 cycles Min.
.599 Ref
.425
.13
.050±.005
.610
.450
.100
.120
.250
2xØ.128
2xØ.062
8xØ.035
.100 Typ
.025
.050 Typ
.014
PIN 1
.620 Ref
.750 Max
.470±.005
.850 Max
J1
8313
F/DC
P3
P2
P1
P4
P6
P5
P7
OUTPUT
P8
J3
J1
J2
J8
INPUT
J4
J5
J6
J7
SCHEMATIC
Suggested PCB Layout
(component side view)
UNLESS OTHERWISE SPECIFIED, ALL TOLERANCES ARE ±0.010
RJ-45 Connector with CMC
8313
MECHANICAL AND SCHEMATIC (All dimensions in inches)
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Turns Ratio
(±2%)
DCR
(Ω Max)
CMA
[ dB Min (dB Typ) ]
Part
Number
P1-J1:P2-J2 =
P3-J3:P6-J6 =
P4-J4:P5-J5 =
P7-J7:P8-J8
P8-J8 =P7-J7
P6-J6 =P3-J3
P5-J5 =P4-J4
P2-J2 =P1-J1
1 MHz
5 MHz
20 MHz
70 MHz
200 MHz
500 MHz
Hi-Pot
(VAC)
8313
1:1
0.5
-5 (-8)
-15 (-17)
-15 (-23)
-20 (-25)
-17 (-22)
-6 (-11)
500


Similar Part No. - 8313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8313 ETC2-8313 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8313 ETC2-8313 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8313 ETC2-8313 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8313 ETC2-8313 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8313 ETC2-8313 Datasheet
114Kb / 2P
LED SPACER MOUNTS
More results

Similar Description - 8313

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8305 FILTRAN-8305 Datasheet
179Kb / 1P
RJ-45 Connector Modules with Intergrated LAN Magnetics
8330 FILTRAN-8330 Datasheet
140Kb / 1P
RJ-45 Connector with 100 Base-TX Magnetics
logo
MPS Industries, Inc.
N5601 MPSIND-N5601 Datasheet
194Kb / 1P
GIGABIT RJ-45 JACK WITH MAGNETIC MODULE
N6111 MPSIND-N6111 Datasheet
306Kb / 2P
Gigabit RJ-45 USB Combo with Magnetic Module
logo
PCA ELECTRONICS INC.
EPJ9090-S9 PCA-EPJ9090-S9_15 Datasheet
31Kb / 1P
RJ-45 Filter Port Jacks
EPJ9303-F2 PCA-EPJ9303-F2_15 Datasheet
66Kb / 1P
RJ-45 Filter Port Jacks
logo
Bothhand USA, LP.
LF1S022-LF BOTHHAND-LF1S022-LF Datasheet
144Kb / 2P
RJ-45 connector integrated with filter
logo
WAGO Kontakttechnik Gmb...
289-172 WAGO-289-172 Datasheet
149Kb / 5P
Interface module; RJ-45; RJ-45; Cat. 5; in mounting carrier
22.11.2021
289-176 WAGO-289-176 Datasheet
162Kb / 5P
Interface module; RJ-45; with power jumper contacts; RJ-45; Cat. 5; in mounting carrier
22.11.2021
logo
TE Connectivity Ltd
1546413 TEC-1546413 Datasheet
79Kb / 1P
RJ-45 BULKHEAD PASS THROUGH WITH BACKSIDE JACK
26MAY2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com