Electronic Components Datasheet Search
  English  ▼

X  

8321 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8321
Description  RJ-45/USB 10/100 BASE-T Module with Dual USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8321 Datasheet(HTML) 1 Page - Filtran LTD

  8321 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RJ-45/USB
• Complies with IEEE standards and all 10/100 Ethernet specifications
including 350µH with 8mA DC bias
• Various turns ratio options available
• Integrated Mag-modular design provides higher reliability and conserves
minimizing PCB space
• Various LED options available
• Single port shield RJ-45 with dual USB
• Operating temperature: -40°C to +85°C
10/100 BASE-T Module
with Dual USB
8321-8323
ELECTRICAL SPECIFICATION @ 25˚C
Mechanical and Schematic (All dimensions in inches)
Transmitter Filter
Receiver Filter
Insertion Loss
Return Loss
Insertion Loss
Return Loss
dB MAX
dB MIN (load 100
Ω)
dB MAX
dB MIN (load 100
Ω)
1-100 MHz
1-30 MHz
30-60 MHz
60-80 MHz
1-100 MHz
1-30 MHz
30-60 MHz
60-80 MHz
-1.0
-20
-15
-11
-1.0
-20
-17
-15
• Common Mode Rejection @1-100 MHz : -30dB MIN
• Crosstalk @1-100 MHz : -30dB MIN
• Primary Inductance @100kHz, 0.1Vrms, 8mA DC Bias (2-3), (4-5): 350µH MIN
•Hipot:
Input(2-3) to Output(1-2): 1500Vrms, 1.0mA, 1sec
Input(4-5) to Output(3-6): 1500Vrms, 1.0mA, 1sec
PCB LAYOUT
(component side view)
SCHEMATIC
Part
Description
Number
LED-L
LED-R
8321
Yellow
Green
8322
Green
Yellow
8323
Green
Green
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


Similar Part No. - 8321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8321 ETC2-8321 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8321 ETC2-8321 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8321 ETC2-8321 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8321 ETC2-8321 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8321 ETC2-8321 Datasheet
114Kb / 2P
LED SPACER MOUNTS
More results

Similar Description - 8321

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8324 FILTRAN-8324 Datasheet
141Kb / 1P
RJ-45/USB 10/100 BASE-T Module with Dual USB
8339 FILTRAN-8339 Datasheet
162Kb / 1P
RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector
logo
PCA ELECTRONICS INC.
EPJ9103 PCA-EPJ9103 Datasheet
53Kb / 1P
Dual USB / RJ-45 Filter Port Jack with 10/100Base-TX
logo
Premier Magnetics, Inc.
RJ45-102DYD2 PMI-RJ45-102DYD2 Datasheet
1Mb / 5P
RJ45 10/100/1000 BASE-TX WITH DUAL USB
logo
MPS Industries, Inc.
N5101 MPSIND-N5101 Datasheet
531Kb / 3P
1XN RJ-45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5110 MPSIND-N5110 Datasheet
70Kb / 2P
RJ-45 10/100 BASE-TX Jack with Magnetic Module
N6111 MPSIND-N6111 Datasheet
306Kb / 2P
Gigabit RJ-45 USB Combo with Magnetic Module
N51XX MPSIND-N51XX Datasheet
70Kb / 2P
RJ-45 10/100 BASE-TX Jack
logo
PCA ELECTRONICS INC.
EPJ9103 PCA-EPJ9103_15 Datasheet
57Kb / 1P
Dual USB / RJ-45 Filter Port Jack
logo
API Technologies Corp
8324-8326 APITECH-8324-8326 Datasheet
649Kb / 1P
10/100 BASE-T Module with Dual USB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com