Electronic Components Datasheet Search
  English  ▼

X  

AG1160A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AG1160A
Description  5V RINGING SLIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG1160A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AG1160A Datasheet HTML 3Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 4Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 5Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 6Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 7Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 8Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 9Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 10Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
V1.8 October 2006
Ag1160
Data Sheet
© Silver Telecom 2006
Page 7
5V RINGING SLIC
surge resistor (25R typically).
Alternatively a Teccor
F1250T or F0500T fuse may be used without a surge
resistor.
For ITU-T K20 power cross protection, a PTC
thermistor (eg. type JH330L) of 30R is suitable. The
lightning protection is provided by steering diodes
connected to 0V and upgrading D1 to a Tranzorb
device (Motorola or STM 1.5KE82A). For lightning and
power cross protection, D1 should be upgraded further
(General Semiconductor or Semitron 5KP75). Just one
Tranzorb is needed per linecard.
5.0 Approvals.
It can be seen from the Electrical Characteristics given
on subsequent pages that the SLIC has been designed
to meet the equipment standards of as many major
public telephone authorities as possible.
It is the responsibility of the equipment design authority
to ensure that their system meets the requirements of
the relevant regulatory bodies. Every effort is made to
ensure that Silver Telecom products are compliant with
the latest standards.
6.0 A Typical Application.
The Ag1160 has been designed to interface to any
Codec and is shown in a typical application in Figure 5.
The Codec which has been chosen to illustrate the use
of the Ag1160 is the Motorola MC14LC5480.
The status outputs from the SLIC are passed to the
micro-controller. These signals can then be processed
as necessary by the system software.
The audio signals which are on the 4 wire side of the
connection are coupled by 100nF capacitors to avoid
d.c. level problems between the two devices.
The Ag1160 provides for a 2 wire impedance and a
network balance impedance of 600
Ω.
For other
impedances a DSP codec can be used which can be
programmed using applications information available
from the codec manufacturer. The necessary transfer
function parameters for the Ag1160 are available from
Silver Telecom.
RM
TIP
RING
GND
PW R
+5V
PW R
+5V
A
F/R
SHK
V
OUT
V
IN
PGND
D5
D2
D3
D4
100nF
220uF
10V
0V
PI
VAG
PO+
FST
DT
BCLKT
MCLK
PDI
BCLKR
DR
Vdd
FSR
TG
RO+
8KhZ
2MhZ
to MCU
+5V
100uF
6.3V
100nF
100nF
TIP
RING
Ag1160
CAP
220nF
PO-
RO-
0.1u
PCM OUT
PCM IN
TI+
TI-
Mu/a
Vss
5v or 0v
Protection is for on-premise applications
Ag1160 is internally programmed for 600R
D1 = BZT03C82 (only 1 needed per linecard)
D2 - D5 = 1N4004
+5V
(Motorola)
MC14LC5480
D1
100nF
+
+5V
+
GND
A
10R
Codec is shown for illustration purposes
l The Ag1160 will work with any codec.
+5V
+5V
PGND
LO
PD
Figure 5: Typical On-Premise Application
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com