Electronic Components Datasheet Search
  English  ▼

X  

UPD16327 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16327
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16327 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16327 Datasheet HTML 9Page - Renesas Technology Corp UPD16327 Datasheet HTML 10Page - Renesas Technology Corp UPD16327 Datasheet HTML 11Page - Renesas Technology Corp UPD16327 Datasheet HTML 12Page - Renesas Technology Corp UPD16327 Datasheet HTML 13Page - Renesas Technology Corp UPD16327 Datasheet HTML 14Page - Renesas Technology Corp UPD16327 Datasheet HTML 15Page - Renesas Technology Corp UPD16327 Datasheet HTML 16Page - Renesas Technology Corp UPD16327 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11
µµµµµPD16327
PACKAGE DRAWINGS
100 PIN PLASTIC QFP (14
×××××20)
100 PIN PLASTIC QFP (14 20)
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.15 mm (0.006 inch) of
its true position (T.P.) at maximum material condition.
K
1.8±0.2
0.071 +0.008
–0.009
L
0.8±0.2
0.031 +0.009
–0.008
P
2.7
0.106
N
0.10
0.004
M
0.15
0.006 +0.004
–0.003
Q
0.1±0.1
0.004±0.004
detail of lead end
M
F
G
H
I
J
K
M
L
N
P
Q
R
A
23.6±0.4
0.929±0.016
B
20.0±0.2
0.795 +0.009
–0.008
C
14.0±0.2
0.551 +0.009
–0.008
G
F
0.6
0.8
0.024
0.031
D
17.6±0.4
0.693±0.016
J
0.65 (T.P.)
0.026 (T.P.)
I
0.15
0.006
H
0.30±0.10
0.012 +0.004
–0.005
+0.10
–0.05
80
81
50
100
1
31
30
51
CD
A
B
S
S
P100GF-65-3BA-3
3.0 MAX.
0.119 MAX.
R
5˚±5˚
5˚±5˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com