Electronic Components Datasheet Search
  English  ▼

X  

BCC095E Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC095E
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC095E Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC095E Datasheet HTML 1Page - Balluff Korea Ltd. BCC095E Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC A315-A315-30-330-PS85N4-040
Order Code: BCC095E
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 232120
ETIM 6.0: EC001855
BCC095E_0.81_2022-12-22
1 / 2
Basic features
Application
DeviceNet Thick
Approval/Conformity
CE
cULus
WEEE
Electrical connection
Bending radius min., flexible cable
10 x D
Cable
PUR Shielded gray, 4 m, drag
chain compatible
Cable diameter D
12.19 mm ±0.38 mm
Cable, bending cycles min.
1 mil.
Conductor cross-section
15 AWG/18 AWG
Connection 1
7/8"-Female, straight, 5-pin
Connection 2
7/8"-Male, straight, 5-pin
Number of conductors
4
System
Molded/Molded
Electrical data
Cable rated voltage AC max.
300 V
Cable rated voltage DC max.
300 V
Conductor construction
2x2 twisted-pair
Operating voltage Ub
300 VDC / 300 VAC
Rated current (40 °C)
9.0 A
Surge impedance
120 Ohm ±12 Ohm
Environmental conditions
Ambient temperature
-20...80 °C
IP rating
IP67, IP68/IP67, IP68
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Cable shield
Aluminum foil and copper braid
Material contact carrier
PUR/PUR
Material contacts
Brass/Brass
Material cover nut
Die-cast zinc/Die-cast zinc
Material grip
PUR/PUR
Mechanical data
Cable jacket, color
gray
Cable length L
4.00 m
Cable properties
drag chain compatible
Tightening torque pigtail
1.5 Nm/1.5 Nm
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Similar Part No. - BCC095E

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC095A BALLUFF-BCC095A Datasheet
113Kb / 2P
Double-Ended Cordsets
2022-08-08
BCC095C BALLUFF-BCC095C Datasheet
112Kb / 2P
Double-Ended Cordsets
2022-12-22
BCC095K BALLUFF-BCC095K Datasheet
112Kb / 2P
Double-Ended Cordsets
2022-12-22
BCC095L BALLUFF-BCC095L Datasheet
112Kb / 2P
Double-Ended Cordsets
2022-12-22
BCC095M BALLUFF-BCC095M Datasheet
113Kb / 2P
Double-Ended Cordsets
2022-08-08
More results

Similar Description - BCC095E

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com