Electronic Components Datasheet Search
  English  ▼

X  

BCC095L Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCC095L
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC095L Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCC095L Datasheet HTML 1Page - Balluff Korea Ltd. BCC095L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC A315-A315-30-330-PS85N4-090
Order Code: BCC095L
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 232153
ETIM 6.0: EC001855
BCC095L_0.83_2022-12-22
2 / 2
Connector Drawings
DeviceNet Output
PIN 1: shield
PIN 2: +24V
PIN 3: 0V
PIN 4: CAN H
PIN 5: CAN L
DeviceNet Input
PIN 1: shield
PIN 2: +24V
PIN 3: 0V
PIN 4: CAN H
PIN 5: CAN L
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com