Electronic Components Datasheet Search
  English  ▼

X  

UPD16364 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16364
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16364 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16364 Datasheet HTML 9Page - Renesas Technology Corp UPD16364 Datasheet HTML 10Page - Renesas Technology Corp UPD16364 Datasheet HTML 11Page - Renesas Technology Corp UPD16364 Datasheet HTML 12Page - Renesas Technology Corp UPD16364 Datasheet HTML 13Page - Renesas Technology Corp UPD16364 Datasheet HTML 14Page - Renesas Technology Corp UPD16364 Datasheet HTML 15Page - Renesas Technology Corp UPD16364 Datasheet HTML 16Page - Renesas Technology Corp UPD16364 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet S14000EJ2V0DS
11
µµµµ PD16364
6. RECOMMENDED SOLDERING CONDITIONS
The following conditions must be met for soldering conditions of the
µ PD16364.
For more details, refer to the Semiconductor Device Mounting Technology Manual (C10535E).
Please consult with our sales offices in case other soldering process is used, or in case the soldering is done
under different conditions.
µPD16364N-×××: TCP (TAB package)
Mounting Condition
Mounting Method
Condition
Soldering
Heating tool 300 to 350°C: heating for 2 to 3 seconds: pressure 100g (per
solder)
Thermocompression
ACF
(Adhesive
Conductive Film)
Temporary bonding 70 to 100°C: pressure 3 to 8 kg/cm
2: time 3 to 5
seconds.
Real bonding 165 to 180°C: pressure 25 to 45 kg/cm
2: time 30 to 40
seconds. (When using the anisotropy conductive film SUMIZAC1003 of
Sumitomo Bakelite, Ltd.)
Caution To find out the detailed conditions for packaging the ACF part, please contact the ACF
manufacturing company. Be sure to avoid using two or more packaging methods at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com