Electronic Components Datasheet Search
  English  ▼

X  

UPD8871 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD8871
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8871 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD8871 Datasheet HTML 9Page - Renesas Technology Corp UPD8871 Datasheet HTML 10Page - Renesas Technology Corp UPD8871 Datasheet HTML 11Page - Renesas Technology Corp UPD8871 Datasheet HTML 12Page - Renesas Technology Corp UPD8871 Datasheet HTML 13Page - Renesas Technology Corp UPD8871 Datasheet HTML 14Page - Renesas Technology Corp UPD8871 Datasheet HTML 15Page - Renesas Technology Corp UPD8871 Datasheet HTML 16Page - Renesas Technology Corp UPD8871 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet S15329EJ3V0DS
11
µ PD8871
φ TG1 to φ TG3, φ 1, φ 2 TIMING CHART
Symbol
Min.
Typ.
Max.
Unit
t7
−5
Note 3
25
−
ns
t9, t10
0
25
−
ns
t11
10
25
−
ns
t12
5000
10000
50000
ns
t13, t14
0
50
−
ns
t15, t16
900
1000
−
ns
t17, t18
200
400
−
ns
t19
t12
t12
50000
ns
t20, t21
0
50
−
ns
t22, t23
0
350
−
ns
Notes 1. Set the
φ RB pulse to high level during this period.
2. Stop the
φ RB pulse during this period.
3. Min. of t7 shows that the
φ RB and φ CLB overlap each other.
Remark Inverse pulse of the
φ TG1 to φ TG3 can be used as φ CLB.
φ 1, φ 2 cross points
φ 1L, φ 2 cross points
Remark Adjust cross points (
φ 1, φ 2) and (φ 1L, φ 2) with input resistance of each pin.
2
φ
1
φ
2 V or more
2 V or more
2
φ
1L
φ
2 V or more
0.5 V or more
RB
φ
CLB
(Bit clamp mode)
φ
1L
φ
1,
φ
2
φ
TG1 to
φ
TG3
φ
CLB
(Line clamp mode)
φ
1L
φ
1,
φ
10%
90%
90%
90%
90%
90%
90%
10%
t12
t13
t17
t7
t19
t9
t20
t10
t23
t21
t22
t11
Note 1
Note 2
t18
t16
t15
t14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com