Electronic Components Datasheet Search
  English  ▼

X  

LM4816MT Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4816MT
Description  1W Stereo Audio Amplifier Adjustable Output Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4816MT Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4816MT Datasheet HTML 3Page - National Semiconductor (TI) LM4816MT Datasheet HTML 4Page - National Semiconductor (TI) LM4816MT Datasheet HTML 5Page - National Semiconductor (TI) LM4816MT Datasheet HTML 6Page - National Semiconductor (TI) LM4816MT Datasheet HTML 7Page - National Semiconductor (TI) LM4816MT Datasheet HTML 8Page - National Semiconductor (TI) LM4816MT Datasheet HTML 9Page - National Semiconductor (TI) LM4816MT Datasheet HTML 10Page - National Semiconductor (TI) LM4816MT Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Performance Characteristics (Continued)
Output Power vs
Load Resistance
Dropout Voltage vs
Supply Voltage
20033257
V
DD = 5V, fIN = 1kHz, at (from top to bottom at 32
Ω):
THD+N = 10%, THD+N = 1%
20033255
R
L =8
Ω,f
IN = 1kHz, at (from top to bottom at 4.5V):
positive signal swing, negative signal swing
Power Dissipation vs
Output Power
Power Derating Curve
20033252
V
DD = 5V, fIN = 1kHz, at (from top to bottom at 0.20W):
R
L =8
Ω,16Ω,32Ω
20033256
Open Loop
Frequency Response
20033222
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com