Electronic Components Datasheet Search
  English  ▼

X  

UPD8891 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD8891
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8891 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD8891 Datasheet HTML 17Page - Renesas Technology Corp UPD8891 Datasheet HTML 18Page - Renesas Technology Corp UPD8891 Datasheet HTML 19Page - Renesas Technology Corp UPD8891 Datasheet HTML 20Page - Renesas Technology Corp UPD8891 Datasheet HTML 21Page - Renesas Technology Corp UPD8891 Datasheet HTML 22Page - Renesas Technology Corp UPD8891 Datasheet HTML 23Page - Renesas Technology Corp UPD8891 Datasheet HTML 24Page - Renesas Technology Corp UPD8891 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet S16039EJ3V0DS
19
µ PD8891
TIMING CHART 2
−7 (300 dpi, bit clamp mode, for each color)
VOUT
φ CLB
90%
10%
90%
10%
VOS
t1
t4
t6
t3
t10
t8
t11
t7
t9
φ RB
φ 2-300
φ1-300
90%
10%
90%
10%
t5
10%
td
+
RFTN
–
t2
90%
10%
90%
10%
t1’
φ 2L
φ1L
t2’
RFTN
Symbol
Min.
Typ.
Max.
Unit
t1, t2
0
25
−
ns
t1’, t2’
0
5
−
ns
t3
20
50
−
ns
t4
50
150
−
ns
t5, t6
0
5
−
ns
t7
−5
Note
+25
−
ns
t8
20
50
−
ns
t9, t10
0
5
−
ns
t11
5
25
−
ns
Note Min. of t7 shows that the
φ RB and φ CLB overlap each other.
φ CLB
φ RB
90%
90%
t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com