Electronic Components Datasheet Search
  English  ▼

X  

VIOS800G Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # VIOS800G
Description  VDSL FILTER SOLUTIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

VIOS800G Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  VIOS800G Datasheet HTML 1Page - Delta Electronics, Inc. VIOS800G Datasheet HTML 2Page - Delta Electronics, Inc. VIOS800G Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VDSL FILTER SOLUTIONS
Networking Components
VDSL FILTER SOLUTIONS
Networking Components
SPLITTER MODULES FOR ISDN / POTS / SMART-PHONE
APPLICATION :
7. VIES4822/VIES4832B ARE SMALL SIZE QUAD
SOLUTION FOR DIGITAL-PHONE/120K-ISDN SPLITTER
1. 120K ISND SPLITTER
2. G.993.1 ISND SPLITTER
3. SMART PHONE SPLITTER
4. POTS SPLITTER
5. VIOS800G-C IS A SMALL SIZE FILTER COMBINED COMMON
MODE CHOKE FOR BETTER EMI
6. VIES2842A IS SMALL SIZE TWO SOLUTIONS
FOR POTS SPLITTER
SPLITTER SOLUTIONS
E-6a~c
252, SAN YING ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
Http://www.deltaww.com/products/networking
VIOS800G
ISDN SPLITTER
DC~120
600~12,000
150
O
VIOS800G-C
ISDN SPLITTER WITH C.M.C.
DC~120
600~12,000
150
O
VICS803D
DIGITAL PHONE SPLITTER.
DC~640
950~12,000
150
C
VIES805A
POTS SPLITTER
DC~4.0
400~8,000
600
E
VIET805B
POTS SPLITTER
DC~4.0
138~12,000
600
E
VIOS816B
JAPAN_ISDN SPLITTER
DC~320
640~12,000
110/600
O
VIKS816B
JAPAN_ISDN SPLITTER
DC~320
640~12,000
110/600
K
VIET819A
ISDN SPLITTER
4.0~80
150~12,000
135/150
F
VIES620A
ISND SPLITTER
DC~120
200~12,000
150
E
VIWT820B
POTS SPLITTER
DC~4.0
25~12,000
600
W
VIES2842A
TWO POTS SPLITTER
DC~4.0
138~12,000
600
E
VIES4822A
QUAD DIGITAL _ PHONE SPLITTER
DC~630
950~12,000
150
E
VIES4832B
QUAD ISND SPLITTER
DC~120
600~12,000
150
E
VIZT823A
ISDN SPLITTER
DC~80
150~1,104
135/150
Z
(FOR ETSI TS 101 952-1-3)
VIET824A
POTS SPLITTER
DC~4.0
32~1,100
600/270
Z
(FOR ETSI TS 101 728 V1.2.1)
120/82
VIWT826A
ISND SPLITTER
DC~80
138~12,000
220/150
W1
VIET829A
ETSI British Telecom BT-SIN-346
DC~4.0
32~12,000
20
Z
VIET832A
POTS SPLITTER
DC~4.0
32~12,000
70
Z
(FOR ETSI TS 101 952-1-1 OPTION B)
PASS BAND
STOP BAND
Impedance
Form
Part NO.
Description
Freq(KHz)
Freq(KHz)
(OHM)
TYPE


Similar Part No. - VIOS800G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VIO100-06P1 IXYS-VIO100-06P1 Datasheet
96Kb / 2P
IGBT Modules
VIO125-12P1 IXYS-VIO125-12P1 Datasheet
112Kb / 4P
IGBT Modules
VIO130-06P1 IXYS-VIO130-06P1 Datasheet
96Kb / 2P
IGBT Modules
VIO160-12P1 IXYS-VIO160-12P1 Datasheet
105Kb / 4P
IGBT Modules in ECO-PAC 2
VIO25-06P1 IXYS-VIO25-06P1 Datasheet
349Kb / 4P
Short Circuit SOA Capability Square RBSOA
More results

Similar Description - VIOS800G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX166008C ETC-FX166008C Datasheet
27Kb / 1P
VDSL Filter Solutions
logo
Delta Electronics, Inc.
VQXT DELTA-VQXT Datasheet
492Kb / 2P
VDSL FILTER SOLUTIONS
VQRT621C DELTA-VQRT621C Datasheet
316Kb / 2P
VDSL FILTER SOLUTIONS
VBVT210A DELTA-VBVT210A Datasheet
162Kb / 2P
VDSL FILTER SOLUTIONS
logo
Pulse A Technitrol Comp...
B4015 PULSE-B4015 Datasheet
68Kb / 2P
VDSL FILTER SOLUTIONS
logo
Bothhand USA, LP.
513090688000 BOTHHAND-513090688000 Datasheet
237Kb / 1P
VDSL FILTER MODULE
VD-7025 BOTHHAND-VD-7025 Datasheet
103Kb / 1P
VDSL FILTER
VD-7026 BOTHHAND-VD-7026 Datasheet
104Kb / 1P
VDSL FILTER
VD-7027 BOTHHAND-VD-7027 Datasheet
103Kb / 1P
VDSL FILTER
VD-7028 BOTHHAND-VD-7028 Datasheet
104Kb / 1P
VDSL FILTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com