Electronic Components Datasheet Search
  English  ▼

X  

00008749 Datasheet(PDF) 1 Page - Lapp.

Part # 00008749
Description  EPIC® SIGNAL R 3.0 D PG16
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

00008749 Datasheet(HTML) 1 Page - Lapp.

  00008749 Datasheet HTML 1Page - Lapp. 00008749 Datasheet HTML 2Page - Lapp. 00008749 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
00009045
DATA SHEET
Valid from:
23.05.2022
EPIC® SIGNAL R 3.0 D PG16
Creator: FICE1/PDP
Released: VACH1/PDP
Document: DB00009045EN
Version: 02
Page 1 of 3
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Circular connectors with solder termination
21-pin and 26-pin
highest contact density at small space requirements
Connector in solder version for easy maintanance
General Characteristics
Series
SIGNAL R 3.0 D
Number of contacts
21-pin / 26-pin
Pin configuration
Male E-part / Female P-part
Coding
N
Rated voltage (V)
24V AC / 60VDC
Rated impulse voltage
1,5 kV
Rated current (A)
7,5 A
Contact resistance
< 3 mOhm
Contacts
Copper alloy, gold plated
Termination methods
Solder termination: up to 1.0 mm²
Cable clamping range
6,5-16
Protection
IP 67 (maximum, dependant on cable gland used)
Cycle of mechanical operation
500
Temperature range
-40°C to +100°C, short-term up to +125°C
Materials and Surfaces
Housing
Nickel plated copper alloy
Insert
Thermoplastic
Sealing
Chloroprene Rubber
Versions
Article
number
Article description
Version
Contacts
Pin
configuration
Clamping
range
Coding
00009045
EPIC® SIGNAL R 3.0 D PG 16
male
1 - 21
E-Part
6,5 – 16 mm
N
00008899
EPIC® SIGNAL R 3.0 D PG 16
male
1 – 26
E-Part
6,5 – 16 mm
N
00008749
EPIC® SIGNAL R 3.0 D PG 16
female
1 – 21
P-Part
6,5 – 16 mm
N
00008829
EPIC® SIGNAL R 3.0 D PG 16
female
1 - 26
P-Part
6,5 – 16 mm
N


Similar Part No. - 00008749

ManufacturerPart #DatasheetDescription
logo
Lapp.
00008746 LAPP-00008746 Datasheet
309Kb / 3P
EPIC® SIGNAL R 3.0 A
23.05.2022
00008747 LAPP-00008747 Datasheet
309Kb / 3P
EPIC® SIGNAL R 3.0 A
23.05.2022
More results

Similar Description - 00008749

ManufacturerPart #DatasheetDescription
logo
Lapp.
00008747 LAPP-00008747 Datasheet
309Kb / 3P
EPIC® SIGNAL R 3.0 A
23.05.2022
00008854 LAPP-00008854 Datasheet
285Kb / 3P
EPIC® SIGNAL R 3.0 F PG16
23.05.2022
00009082 LAPP-00009082 Datasheet
250Kb / 3P
EPIC® SIGNAL R 3.0 B1
26.05.2022
00009371 LAPP-00009371 Datasheet
292Kb / 3P
EPIC® SIGNAL R 3.0 G1
23.05.2022
44420024 LAPP-44420024 Datasheet
168Kb / 3P
EPIC® SIGNAL M23 B1
28.07.2021
44420037 LAPP-44420037 Datasheet
223Kb / 3P
EPIC® SIGNAL M23 D6
30.06.2022
44420046 LAPP-44420046 Datasheet
180Kb / 3P
EPIC® SIGNAL M23 G5
28.07.2021
44420050 LAPP-44420050 Datasheet
171Kb / 3P
EPIC® SIGNAL M23 B2
28.07.2021
44423236 LAPP-44423236 Datasheet
218Kb / 2P
EPIC® MHS 10 R MULTI-FRAME
30.01.2020
72004000 LAPP-72004000 Datasheet
192Kb / 3P
EPIC® SIGNAL M23 A1
28.07.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com