Electronic Components Datasheet Search
  English  ▼

X  

10186202 Datasheet(PDF) 1 Page - Lapp.

Part # 10186202
Description  EPIC® H-BE 48 CRIMPTERMINATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

10186202 Datasheet(HTML) 1 Page - Lapp.

  10186202 Datasheet HTML 1Page - Lapp. 10186202 Datasheet HTML 2Page - Lapp. 10186202 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10186202
DATA SHEET
Gültig ab:
03.11.2020
EPIC® H-BE 48 CRIMPTERMINATION
Creator: STKU3/PDP
Released: IVSE1/PDP
Document: DB10186202EN
Version: 01
Page 1 of 3
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Inserts of the EPIC
® H-BE series are regarded as classics in the
industry and are ideal for use at higher voltages and currents.
Crimp termination creates a vibration-proof connection, ensures
maximum contact reliability between contact and wire and is
suitable for automated assembly.
Can be used in rail vehicles in conformity with standards (test of
fire behavior according to DIN EN 45545-2:2016-02, requirement
set R22 and R23, hazard levels HL1, HL2 and HL3).
In the EPIC
® H-BE series, inserts of different connection types
within the same size can be combined as desired (screw, crimp,
cage clamp or push-in).
General Characteristics
Series
H-BE 48 for machined crimp contacts
Version
Male (Article No. 10187002)
Female (Article No. 10187002)
Number of Contacts
48 + 2 PE
Termination Methods
Crimp termination: 0.14 – 4.0 mm² (AWG 26–AWG 12)
Temperature Range
-40° to +125°C
Mechanical Characteristics
Cycle of mechanical operation
≥ 500
Electrical Characteristics
Rated Voltage, IEC
500 V
Rated Voltage, UL
600 V
Rated Voltage, CSA
600 V
Rated Impulse Voltage
6 kV
Rated Current, IEC
16 A
Rated Current, UL
16 A
Rated Current, CSA
16 A
Contact Resistance
≤ 5 mOhm
Degree of Soiling
3
Materials and Surfaces
Contacts
Copper alloy, hard silver-plated / hard gold-plated
Insulating Body
PC
Flammability Class according to UL 94
V0
Approvals
UL-Approval, E-File-Number
E75770


Similar Part No. - 10186202

ManufacturerPart #DatasheetDescription
logo
Heyco.
10186 HEYCO-10186 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Festo Corporation.
10186 FESTO-10186 Datasheet
97Kb / 1P
Connection block
logo
Lapp.
10186002 LAPP-10186002 Datasheet
252Kb / 3P
EPIC® H-BE 24 SCM/BCM CRIMPTERMINATION
03.11.2020
10186400 LAPP-10186400 Datasheet
185Kb / 2P
EPIC® H-EE 46 SC/H-EE 46 BC
17.09.2018
More results

Similar Description - 10186202

ManufacturerPart #DatasheetDescription
logo
Lapp.
10155000 LAPP-10155000 Datasheet
110Kb / 2P
EPIC® H-B 48 TG
01.04.2022
10165000 LAPP-10165000 Datasheet
126Kb / 2P
EPIC® H-B 48 SG
01.04.2022
10152000 LAPP-10152000 Datasheet
111Kb / 2P
EPIC® H-B 48 AD
01.04.2022
10184002 LAPP-10184002 Datasheet
218Kb / 3P
EPIC® H-BE 16 SCM/BCM CRIMPTERMINATION
03.11.2020
10186002 LAPP-10186002 Datasheet
252Kb / 3P
EPIC® H-BE 24 SCM/BCM CRIMPTERMINATION
03.11.2020
10625500 LAPP-10625500 Datasheet
115Kb / 2P
EPIC® H-A 48 AG
29.08.2022
19631800 LAPP-19631800 Datasheet
122Kb / 2P
EPIC® H-A 48 TG
29.08.2022
19633800 LAPP-19633800 Datasheet
126Kb / 2P
EPIC® H-A 48 SG
29.08.2022
70315100 LAPP-70315100 Datasheet
176Kb / 2P
EPIC® TB-H-BE 16
17.09.2018
70317100 LAPP-70317100 Datasheet
162Kb / 2P
EPIC® TB-H-BE 24
17.09.2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com