Electronic Components Datasheet Search
  English  ▼

X  

10270010 Datasheet(PDF) 1 Page - Lapp.

Part # 10270010
Description  EPIC® H-BVE 10 SS / H-BE 10 BS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

10270010 Datasheet(HTML) 1 Page - Lapp.

  10270010 Datasheet HTML 1Page - Lapp. 10270010 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10270010
DATA SHEET
Valid from:
17.09.2018
EPIC® H-BVE 10 SS / H-BE 10 BS
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB10270010EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
These high-voltage inserts are additionally equipped with 2
switching contacts
With the relevant wiring, the lagging switch contacts interrupt the
power supply before the working contacts are separated
General Characteristics
Series
H-BVE 10
Version
Wire protection
Male/Female(Article 10271010)
Yes
Number of Contacts
10 + 2 + PE
Termination Methods
Screw termination: 0.5 - 2.5 mm²
Temperature Range
-40°C to +100°C, short-term up to +125°C
Mechanical Characteristics
Cycle of mechanical operation
100
Electrical Characteristics
Rated Voltage, IEC
630 V
Rated Voltage, UL
600 V
Rated Voltage, CSA
600 V
Rated Impulse Voltage
6 kV
Rated Current, IEC
16 A
Rated Current, UL
16 A
Rated Current, CSA
16 A
Contact Resistance
< 2 mOhm
Degree of Soiling
3
Materials and Surfaces
Contacts
Copper alloy, hard silver-plated
Insulating Body
PC
Flammability Class according to UL 94
V0
Approvals
UL-Approval, E-File-Number
VDE-tested, VDE-REG. no.
E75770
B437
Standard
Safety Standard
IEC 61984, UL 1977


Similar Part No. - 10270010

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
102700250001 ERNI-102700250001 Datasheet
76Kb / 1P
Federkontakte 2,54 SRC-A BA 2
102700250003 ERNI-102700250003 Datasheet
82Kb / 1P
F 1,27 SRC P SKV, 10-pol. KS
102700360001 ERNI-102700360001 Datasheet
34Kb / 1P
Coaxial Male Contact 50 Ohm
More results

Similar Description - 10270010

ManufacturerPart #DatasheetDescription
logo
Lapp.
10170600 LAPP-10170600 Datasheet
157Kb / 2P
EPIC® H-BS 12 SS / H-BS 12 BS DR
31.05.2023
10192000 LAPP-10192000 Datasheet
155Kb / 2P
EPIC® H-BE 10 SS / H-BE 10 BS DR
31.05.2023
10194100 LAPP-10194100 Datasheet
199Kb / 2P
EPIC® H-BE 16 SS / H-BE 16 BS
31.05.2023
10196000 LAPP-10196000 Datasheet
290Kb / 2P
EPIC® H-BE 24 SS DR (LP) / H-BE 24 BS DR (LP)
31.05.2023
10239110 LAPP-10239110 Datasheet
149Kb / 2P
EPIC® H-BVE 6 SS / H-BE 6 BS
17.09.2018
10431000 LAPP-10431000 Datasheet
158Kb / 3P
EPIC® H-A 4 SS / H-A 4 BS
18.09.2020
10440000 LAPP-10440000 Datasheet
187Kb / 3P
EPIC® H-A10 SS / H-A10 BS
18.09.2020
10540000 LAPP-10540000 Datasheet
319Kb / 3P
EPIC® H-A32 SS / H-A32 BS DR
18.09.2020
10540100 LAPP-10540100 Datasheet
180Kb / 3P
EPIC® H-A 48 SS / H-A 48 BS DR
18.09.2020
44423202 LAPP-44423202 Datasheet
173Kb / 3P
EPIC® H-BE 10 SP / H-BE 10 BP
26.04.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com