Electronic Components Datasheet Search
  English  ▼

X  

10399400 Datasheet(PDF) 1 Page - Lapp.

Part # 10399400
Description  EPIC® MCS 0 / MCB 0 BLIND
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

10399400 Datasheet(HTML) 1 Page - Lapp.

  10399400 Datasheet HTML 1Page - Lapp. 10399400 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10399400
DATA SHEET
Valid from:
18.09.2018
EPIC® MCS 0 / MCB 0 BLIND
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB10399400EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
The mixed assembly guarantees high flexibility. For applications in
mechanical and plant engineering, for printing machines and slide-
in technology.
Assembly of individual connectors, suitable for different
applications
General Characteristics
Series
MC Module
Version
Male / Female (Article 10399500)
Temperature Range
-40°C to +100°C, short-term up to +125°C
Artikel No.
Module
VPE
10399400
Male
10
10399500
Female
10
Technical Drawing


Similar Part No. - 10399400

ManufacturerPart #DatasheetDescription
logo
Heyco.
10399 HEYCO-10399 Datasheet
121Kb / 1P
Nylon PCB Supports - Reverse Locking
logo
Lapp.
10399000 LAPP-10399000 Datasheet
131Kb / 2P
EPIC® MCS/MCB 4 CM HE 4 POLE
17.09.2018
logo
List of Unclassifed Man...
1039900000 ETC1-1039900000 Datasheet
100Kb / 2P
Rail Mounted Terminal Blocks
logo
Lapp.
10399100 LAPP-10399100 Datasheet
131Kb / 2P
EPIC® MCS/MCB 4 CM HE 4 POLE
17.09.2018
10399200 LAPP-10399200 Datasheet
129Kb / 2P
EPIC® MCS 3 / MCB 3 COAX
17.09.2018
More results

Similar Description - 10399400

ManufacturerPart #DatasheetDescription
logo
Lapp.
10344600 LAPP-10344600 Datasheet
119Kb / 2P
EPIC® MCS-HC/MCB-HC 1PE
17.09.2018
10382000 LAPP-10382000 Datasheet
141Kb / 2P
EPIC® MCS 3 CM / MCB 3 CM
19.04.2021
10382200 LAPP-10382200 Datasheet
122Kb / 2P
EPIC® MCS 5 CM / MCB 5 CM
17.09.2018
10382400 LAPP-10382400 Datasheet
127Kb / 2P
EPIC® MCS 10 CM / MCB 10 CM
12.11.2019
10399000 LAPP-10399000 Datasheet
131Kb / 2P
EPIC® MCS/MCB 4 CM HE 4 POLE
17.09.2018
10344300 LAPP-10344300 Datasheet
151Kb / 2P
EPIC® MCS 8 RJ45 / MCB 8 RJ45
17.09.2018
10383400 LAPP-10383400 Datasheet
127Kb / 2P
EPIC® MCS 10 CG / MCB 10 CG
31.03.2021
10383600 LAPP-10383600 Datasheet
134Kb / 2P
EPIC® MCS 20 CG / MCB 20 CG
17.09.2018
10399200 LAPP-10399200 Datasheet
129Kb / 2P
EPIC® MCS 3 / MCB 3 COAX
17.09.2018
44423232 LAPP-44423232 Datasheet
86Kb / 1P
EPIC® MH 0
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com