Electronic Components Datasheet Search
  English  ▼

X  

10423201 Datasheet(PDF) 1 Page - Lapp.

Part # 10423201
Description  EPIC® ULTRA H-A 3 MTS M20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

10423201 Datasheet(HTML) 1 Page - Lapp.

  10423201 Datasheet HTML 1Page - Lapp. 10423201 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10423201
DATA SHEET
Valid from:
17.09.2018
EPIC® ULTRA H-A 3 MTS M20
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB10423201EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
EMC protection
Corrosion-resistant
Protection rating UL50E tested
All-purpose due to high corrosion resistance and high
environmental protection
General characteristics
Series
ULTRA H-A 3
Version
Hood M20
Locking mechanism
bolts for single lever
Cable entry
lateral
Thread
M20x1.5
Protection (DIN EN 60529)
IP 65 (latched)
Protection (NEMA 250, UL50E)
4, 4X, 12 (latched)
Temperature range
-40°C to +100°C, short-term up to +125°C
Holding screws for inserts included
yes
Materials and surfaces
Housing, base material
Zinc die-casting
Housing, surface
Nickel-plated
Lever
Stainless steel
Holding screws for inserts
Stainless steel
Approvals
VDE-Approval, VDE-REG.-Nr.
B437
Standards
Safety Standard
IEC 61984


Similar Part No. - 10423201

ManufacturerPart #DatasheetDescription
logo
Lapp.
10423200 LAPP-10423200 Datasheet
117Kb / 2P
EPIC® ULTRA H-A 3 MAG
17.09.2018
10423202 LAPP-10423202 Datasheet
104Kb / 2P
EPIC® ULTRA H-A 3 MAGS
17.09.2018
10423203 LAPP-10423203 Datasheet
107Kb / 2P
EPIC® ULTRA H-A 3 MAGSV open M20
18.09.2018
10423204 LAPP-10423204 Datasheet
110Kb / 2P
EPIC® ULTRA H-A 3 TBF M20
17.09.2018
More results

Similar Description - 10423201

ManufacturerPart #DatasheetDescription
logo
Lapp.
19429000 LAPP-19429000 Datasheet
132Kb / 2P
EPIC® H-A 3 TGVB
12.09.2022
10422000 LAPP-10422000 Datasheet
129Kb / 2P
EPIC® H-A 3 AG
12.09.2022
10423000 LAPP-10423000 Datasheet
130Kb / 2P
EPIC® H-A 3 AGS
12.09.2022
10423200 LAPP-10423200 Datasheet
117Kb / 2P
EPIC® ULTRA H-A 3 MAG
17.09.2018
10423202 LAPP-10423202 Datasheet
104Kb / 2P
EPIC® ULTRA H-A 3 MAGS
17.09.2018
10423204 LAPP-10423204 Datasheet
110Kb / 2P
EPIC® ULTRA H-A 3 TBF M20
17.09.2018
10429500 LAPP-10429500 Datasheet
140Kb / 2P
EPIC® H-A 3 MTGVB
25.08.2021
10430000 LAPP-10430000 Datasheet
68Kb / 1P
EPIC® PROTECTIVE COVER FOR H-A 3
17.09.2018
10423203 LAPP-10423203 Datasheet
107Kb / 2P
EPIC® ULTRA H-A 3 MAGSV open M20
18.09.2018
44429015 LAPP-44429015 Datasheet
151Kb / 2P
EPIC® H-A 3 MAGD
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com