Electronic Components Datasheet Search
  English  ▼

X  

4571126 Datasheet(PDF) 1 Page - Lapp.

Part # 4571126
Description  Flat groud straps with sleeves
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

4571126 Datasheet(HTML) 1 Page - Lapp.

  4571126 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4571196
DATA SHEET
Valid from:
07.08.2019
Flat groud straps with sleeves
Creator: MAAU1/PDP
Released: DAMU1/PDP
Document: DB4571196EN
Version: 00
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Flexible ground strap made of tinned copper wire and
contact sleeves.
Material:
Strands
Copper wire, tinned
Contact sleeve
Copper, tinned
Technical features
Screw
M6 & M8 Thread
Cross-section
6mm² up to 25mm²
Single wire
0,2mm
Certificate:
E501239
Reference norm:
IEC 60364-5-54
Table:
Part No.
Cross-section
mm²
Length
mm
Wide
mm
Hole distance
mm
Screw
4571196
6
210
11
200
M6
4571197
6
310
11
300
M6
4571126
10
220
15,5
200
M6
4571129
10
320
15,5
300
M6
4571127
16
220
17
200
M8
4571130
16
320
17
300
M8
4571128
25
220
22,5
200
M8
4571131
25
320
22,5
300
M8


Similar Part No. - 4571126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45711-1000 MOLEX-45711-1000 Datasheet
247Kb / 2P
Bus Bar Connector (BBC)
More results

Similar Description - 4571126

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
Filter Media for QLM Sleeves
logo
Productwell Precision E...
QLM-40-20-10 PRODUCTWELL-QLM-40-20-10 Datasheet
837Kb / 1P
QLM Fan Vibration Sleeves
logo
Bud Industries, Inc.
CM-2200 BUD-CM-2200 Datasheet
44Kb / 1P
CABLE MANAGEMENT BRACKET, STRAPS
logo
Winchester Electronics ...
27409 WINCHESTER-27409 Datasheet
146Kb / 1P
D-SUB SHIELDED PIN CONNECTOR WITH GROUND STRAPS
logo
Hammond Manufacturing L...
18S20 HAMMOND-18S20 Datasheet
133Kb / 2P
Terminal Straps and Brackets
logo
Qualtek Electronics Cor...
QLM-40-20-10 QUALTEK-QLM-40-20-10 Datasheet
2Mb / 2P
QLM Fan Vibration Sleeves
logo
List of Unclassifed Man...
WB26SM ETC2-WB26SM Datasheet
62Kb / 1P
WIRE WRAPPING BITS & SLEEVES
logo
Bertech.
AFWSB BERTECH-AFWSB Datasheet
113Kb / 1P
ESD Fabric Wrist Straps
AMWS BERTECH-AMWS Datasheet
113Kb / 1P
ESD Metal Wrist Straps
logo
Lapp.
61721866 LAPP-61721866 Datasheet
165Kb / 3P
Conductor end sleeves insulated
03.12.2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com