Electronic Components Datasheet Search
  English  ▼

X  

LS14250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LS14250
Description  3.6V Primary lithium-thionyl chloride (Li-SOCl2) High energy density 1/2 AA-size bobbin cells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS14250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS14250 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS14250 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key features
• High and stable operating voltage
• Low self-discharge rate
(less than 1% after 1 year of
storage at + 20°C)
• Stainless steel container and
end caps (low magnetic
signature) for LS 14250
• Hermetic glass-to-metal sealing
• Non-flammable electrolyte
• Compliant with IEC 86-4
safety standard and EN 50020
intrinsic safety standard
• Underwriters Laboratories (UL)
Component Recognition
- LS 14250 File Number MH 12609
- LST 14250 File Number MH 12802
• Non-restricted for transport
Main applications
• Utility metering
• Automatic meter reading
• Alarms and security devices
• Tollgate systems
• Memory back-up
• Computer real-time clocks
• Tracking systems
• Automotive electronics
• Professional electronics
etc...
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
1.10 Ah
(at 1.5 mA + 20°C 2.0 V cut off. The capacity restored by the cell varies
according to current drain, temperature and cut off).
Open circuit voltage
(at + 20°C)
3.67V
Nominal voltage
(at 0.1 mA + 20°C)
3.6V
Pulse capability : Typically up to 100 mA (100 mA/0.1 second pulses,
drained every 2 mn at + 20°C from undischarged cells with 10 µA base
current, yield voltage readings above 3.0 V. The readings may vary according
to the pulse characteristics, the temperature, and the cell's previous history.
Fitting the cell with a capacitor may be recommended in severe conditions.
Consult Saft)
Continuous current permitting 50% of the nominal capacity
to be achieved at + 20°C with 2.0 V cut off.
40 mA
(Higher currents possible, consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+ 185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
LS 14250
LST 14250
Diameter (max)
14.65 mm (0.58 in)
14.4 mm (0.57 in)
Height (max)
24.8 mm (0.98 in)
25.1 mm (0.99 in)
Typical weight
8.9 g (0.3 oz)
9.4 g (0.3 oz)
Li metal content
approx. 0.3 g
approx. 0.3 g
Available termination suffix
CN, CNR
radial tabs
2 PF, 3 PF, 3 PF RP, 4 PF
radial pins
CNA (AX)
axial leads
FL
flying leads ...etc.
September 2004
Cell size references
1⁄2 UM3 - 1⁄2 R6 - 1⁄2 AA
Primary lithium batteries
LS 14250
LST 14250
For applications requesting good
voltage response and operating life
in - 60°C/+ 85°C environments.
3.6V Primary lithium-thionyl chloride (Li-SOCl2)
High energy density
1
⁄2 AA-size bobbin cells


Similar Part No. - LS14250

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS14250MLB SAFT-LS14250MLB Datasheet
841Kb / 2P
3.6 V high energy primary Li-SOCl2 battery for utility meters in demanding environments
More results

Similar Description - LS14250

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS9V SAFT-LS9V Datasheet
908Kb / 2P
Primary lithium-thionyl chloride High energy density Battery pack
LS33600 SAFT-LS33600_V01 Datasheet
385Kb / 2P
Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
logo
XENOENERGY Co.Ltd.,
XL-060F XENO-XL-060F Datasheet
211Kb / 1P
Thionyl Chloride Lithium Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com