Electronic Components Datasheet Search
  English  ▼

X  

ADM1487EARZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1487EARZ
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1487EARZ Datasheet(HTML) 2 Page - Analog Devices

  ADM1487EARZ Datasheet HTML 1Page - Analog Devices ADM1487EARZ Datasheet HTML 2Page - Analog Devices ADM1487EARZ Datasheet HTML 3Page - Analog Devices ADM1487EARZ Datasheet HTML 4Page - Analog Devices ADM1487EARZ Datasheet HTML 5Page - Analog Devices ADM1487EARZ Datasheet HTML 6Page - Analog Devices ADM1487EARZ Datasheet HTML 7Page - Analog Devices ADM1487EARZ Datasheet HTML 8Page - Analog Devices ADM1487EARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications .................................................................. 4
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ..............................................8
Test Circuits and Switching Characteristics................................ 11
Theory of Operation ...................................................................... 13
Circuit Description .................................................................... 13
Applications Information .............................................................. 15
Differential Data Transmission ................................................ 15
Cable and Data Rate................................................................... 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
1/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com