Electronic Components Datasheet Search
  English  ▼

X  

T1635H Datasheet(PDF) 5 Page - STMicroelectronics

Part # T1635H
Description  Snubberless TM high temperature 16 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635H Datasheet(HTML) 5 Page - STMicroelectronics

  T1635H Datasheet HTML 1Page - STMicroelectronics T1635H Datasheet HTML 2Page - STMicroelectronics T1635H Datasheet HTML 3Page - STMicroelectronics T1635H Datasheet HTML 4Page - STMicroelectronics T1635H Datasheet HTML 5Page - STMicroelectronics T1635H Datasheet HTML 6Page - STMicroelectronics T1635H Datasheet HTML 7Page - STMicroelectronics T1635H Datasheet HTML 8Page - STMicroelectronics T1635H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T1635H Series
Characteristics
5/10
Figure 9.
Relative variation of critical rate
of decrease of main current (di/dt)c
versus junction temperature
Figure 10.
Relative variation of critical rate of
decrease of main current (di/dt)c vs
reapplied dV/dt (typical values)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
(dI/dt)
c [Tj]/ (dI/dt)c [Tj=150°C]
Tj(°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
dV/dt (V/µs)
Figure 11.
Variation of thermal resistance,
junction to ambient versus copper
surface under tab (PCB FR4,
eCU 35 µm)
Figure 12.
Leakage current versus junction
temperature for different values of
blocking voltage (typical values)
Figure 13.
Acceptable repetitive peak
off-state voltage versus case-
ambient thermal resistance
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
D²PAK
SCU(cm²)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
50
75
100
125
150
I
DRM/IRRM(mA)
V
DRM=VRRM=400 V
V
DRM=VRRM=400 V
V
DRM=VRRM=600 V
V
DRM=VRRM=600 V
V
DRM=VRRM=200 V
V
DRM=VRRM=200 V
Tj(°C)
0
1
2
3
4
5
6
7
8
9
10
300
350
400
450
500
550
600
R
th(c-a)(°C/W)
R
th(j-c)=1.2 °C/W
T
J=150 °C
VDRM/VRRM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com