Electronic Components Datasheet Search
  English  ▼

X  

BUJ100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUJ100
Description  Silicon Diffused Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ100 Datasheet(HTML) 2 Page - NXP Semiconductors

  BUJ100 Datasheet HTML 1Page - NXP Semiconductors BUJ100 Datasheet HTML 2Page - NXP Semiconductors BUJ100 Datasheet HTML 3Page - NXP Semiconductors BUJ100 Datasheet HTML 4Page - NXP Semiconductors BUJ100 Datasheet HTML 5Page - NXP Semiconductors BUJ100 Datasheet HTML 6Page - NXP Semiconductors BUJ100 Datasheet HTML 7Page - NXP Semiconductors BUJ100 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100
STATIC CHARACTERISTICS
T
lead = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES,ICBO
Collector cut-off current
1
V
BE = 0 V; VCE = VCESMmax
-
0.8
100
µA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
2.0
500
µA
T
j = 125 ˚C
I
CEO
Collector cut-off current
V
CEO = VCEOMmax(400V)
-
-
100
µA
I
EBO
Emitter cut-off current
V
EB = 9 V; IC = 0 A
-
0.05
100
µA
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 10mA;
400
-
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 0.75 A;IB = 0.15 A
-
0.24
1.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 0.75 A; IB =0.15 A
-
0.93
1.3
V
h
FE
DC current gain
I
C = 10mA; VCE = 5 V
11
20
27
h
FE
I
C = 100mA; VCE = 5 V
12.5
21
31
h
FE
I
C = 0.75 A; VCE = 5 V
9
14
20
DYNAMIC CHARACTERISTICS
T
lead = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times (resistive load)
I
Con = 1.0 A; IBon = -IBoff = 200mA;
R
L = 75 ohms; VBB2 = 4 V;
t
on
Turn-on time
0.65
0.88
µs
t
s
Turn-off storage time
0.88
1.2
µs
t
f
Turn-off fall time
250
338
ns
Switching times (inductive load)
I
Con = 1.0 A; IBon = 200mA; LB = 1 µH;
-V
BB = 5 V
t
s
Turn-off storage time
0.51
0.7
µs
t
f
Turn-off fall time
50
70
ns
Switching times (inductive load)
I
Con = 1.0 A; IBon = 200mA; LB = 1 µH;
-V
BB = 5 V; Tj = 100 ˚C
t
s
Turn-off storage time
-
1.4
µs
t
f
Turn-off fall time
-
130
ns
1 Measured with half sine-wave voltage (curve tracer).
September 1999
2
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com