Electronic Components Datasheet Search
  English  ▼

X  

MMG1001R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMG1001R2
Description  Gallium Arsenide CATV Integrated Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG1001R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMG1001R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMG1001R2 MMG1001T1
5
RF Device Data
Freescale Semiconductor
R2
Figure 4. MMG1001 50-870 MHz Test Circuit Component Layout
GND
Not
Active
VCC
D3
MMG1001R2
Rev 0
R4
R3
D1
R1
C2
R8
C1
C4
R10
C3
R18
C7
R13
C8
R14
C10
R17
D2
R19
R9
R16
R15
L1
L2
R5
R6
R7
R12
C5
C12
C6
R11
C11
C9
T2
T1
Q1
Q2
Note: 24 V Application, VCC = 24 V
12 V Application, VCC = 12 V
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the
Freescale Semiconductor signature/logo. PCBs may have either Motorola or
Freescale markings during the transition period. These changes will have no impact
on form, fit or function of the current product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com