Electronic Components Datasheet Search
  English  ▼

X  

TSML1020 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSML1020
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML1020 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSML1020 Datasheet HTML 1Page - Vishay Siliconix TSML1020 Datasheet HTML 2Page - Vishay Siliconix TSML1020 Datasheet HTML 3Page - Vishay Siliconix TSML1020 Datasheet HTML 4Page - Vishay Siliconix TSML1020 Datasheet HTML 5Page - Vishay Siliconix TSML1020 Datasheet HTML 6Page - Vishay Siliconix TSML1020 Datasheet HTML 7Page - Vishay Siliconix TSML1020 Datasheet HTML 8Page - Vishay Siliconix TSML1020 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 81033
Rev. 1.8, 08-Mar-05
VISHAY
TSML1000 / 1020 / 1030 / 1040
Vishay Semiconductors
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Reverse Current
VR = 5 V
IR
10
µA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
25
pF
Radiant Intensity
IF = 20 mA, tp = 20 ms
Ie
37
15
mW/sr
Radiant Power
IF = 100 mA, tp = 20 ms
φ
e
35
mW
Temp. Coefficient of
φ
e
IF = 20 mA
TK
φ
e
- 0.6
%/K
Angle of Half Intensity
ϕ
±12
deg
Peak Wavelength
IF = 100 mA
λ
p
950
nm
Spectral Bandwidth
IF = 100 mA
∆λ
50
nm
Temp. Coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.2
nm/K
Rise Time
IF = 100 mA
tr
800
ns
Fall Time
IF = 100 mA
tf
800
ns
Virtual Source Diameter
∅
1.2
mm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
200
Tamb - Ambient Temperature (
°C)
16187
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
100
120
16188
100
90
80
70
60
50
40
30
20
10
0
Tamb - Ambient Temperature (
°C)
Figure 3. Pulse Forward Current vs. Pulse Duration
Figure 4. Forward Current vs. Forward Voltage
10
100
1000
10000
0.01
0.10
1.00
10.00
100.00
t p - Pulse Duration ( ms )
14335
tp / T = 0.01
0.05
0.2
0.5
1.0
0.1
0.02
VF - Forward Voltage(V)
13600
10 1
10 0
10 2
10 3
10 4
t p = 100 s
tp/ T = 0.001
µ
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com