Electronic Components Datasheet Search
  English  ▼

X  

AFM704A Datasheet(PDF) 2 Page - International Rectifier

Part # AFM704A
Description  EMI FILTER / PROTECTION HYBRID
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFM704A Datasheet(HTML) 2 Page - International Rectifier

  AFM704A Datasheet HTML 1Page - International Rectifier AFM704A Datasheet HTML 2Page - International Rectifier AFM704A Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.irf.com
AFM704A Series
Specifications
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature Range
-20 to +85°C
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-PRF-38534
Internal Visual
2017
‘
Yes
Yes
Yes
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant Acceleration
2001
500g
Cond A
Cond A
Burn-in
1015
48hrs@ 85
°C
48hrs@ 125°C
160hrs @ 125°C
160hrs @ 125°C
Final Electrical
(Group A)
MIL-PRF-38534
& Specification
25°C
25°C
-55, +25, +125°C
-55, +25, +125°C
Seal, Fine & Gross
1014
Cond A
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
‘
Yes
Yes
Yes
Available Screening Levels and Process Variations for AFM704A Series
* Per Commercial Standards
Tcase = -55°C to +125°C, Vin = +28VDC Unless otherwise specified
* Rs = Source Impedance
Parameter
Condition
Min
Typ
Max
Unit
Input Voltage
Continuous
No load
40 watt
Transient
100 ms, Rs*= 0 Ohms
60 ms, Rs*= 0.5 Ohms
20
µs, Rs*= 50 Ohms
0
16
28
28
40
40
80
100
600
VDC
VDC
VDC
VDC
VDC
Undervoltage Lockout
13
15
VDC
Input Current
No load
Inhibited
5.0
2.0
mA
mA
Inhibit Pin Voltage
Open circuit
4.0
5.2
VDC
Inhibit Pin Current
Vin = 0 to 0.8V
-300
µA
Output Power
Vin = 16 to 40V
40
watts
Power Dissipation
Continuous
Peak
15
200
watts
watts
DC Resistance
Vin = 16 to 40V
Tc = 25°C
0.45
Ohms
Output Clamp Voltage
40
50
VDC
Input Surge Limit
40W load, 80V
100V
100
80
ms
ms
Input Spike Limit
40W load, 600V
50 ohm source
40W load, 400V
0.5 ohm source
20
20
µs
µs
Noise Reduction
100 KHz
200 KHz – 50 MHz
40
50
60
dB
dB
Capacitance
Pin to case
10,000
pf
Isolation
Pin to case 500VDC
100
M
Ω
Weight
75
grams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com