Electronic Components Datasheet Search
  English  ▼

X  

HT48R02 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT48R02
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT48R02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
HT48R01/HT48R02/HT48R03
Rev. 1.00
8
December 20, 2006
word are transferred to the lower portion of TBLH, and
the remaining 2 bits are read as
²0². The Table
Higher-order byte register (TBLH) is read only. The ta-
ble pointer (TBLP) is a read/write register (07H),
which indicates the table location. Before accessing
the table, the location must be placed in TBLP. The
TBLH is read only and cannot be restored. If the main
routine and the ISR (Interrupt Service Routine) both
employ the table read instruction, the contents of the
TBLH in the main routine are likely to be changed by
the table read instruction used in the ISR, and errors
may occur. Therefore, using the table read instruction
in the main routine and the ISR simultaneously should
be avoided. However, if the table read instruction has
to be applied in both the main routine and the ISR, the
interrupt is supposed to be disabled prior to the table
read instruction. It will not be enabled until the TBLH
has been backed up. All table related instructions re-
quire two cycles to complete the operation. These ar-
eas may function as normal program memory
depending upon the requirements.
Stack Register
- STACK
This is a special part of the memory which is used to save
the contents of the Program Counter only. The stack is or-
ganised up to 8 levels and is neither part of the data nor
part of the program space, and is neither readable nor
writable. The activated level is indexed by the stack
pointer (SP) and is neither readable nor writeable. At a
subroutine call or interrupt acknowledgment, the con-
tents of the program counter are pushed onto the stack.
At the end of a subroutine or an interrupt routine, signaled
by a return RET or RETI instruction, the program counter
is restored to its previous value from the stack. After a
chip reset, the SP will point to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decremented by RET or RETI, the interrupt will
be serviced. This feature prevents stack overflow allow-
ing the programmer to use the structure more easily. In a
similar case, if the stack is full and a
²CALL² is subse-
quently executed, a stack overflow occurs and the first
entry will be los. Only the most recent 4 return ad-
dresses are stored.
Data Memory
- RAM
The data memory is divided into two functional groups:
special function registers and general purpose data
memory 64
´8 for the HT48R01, 96´8 for the HT48R02
or 160
´8 for the HT48R03. Most are read/write, but
some are read only.
The unused space before 20H is reserved for future ex-
panded usage and reading these locations will get
²00H². The general purpose data memory, addressed
from 20H to 5FH (HT48R01), 20H to 7FH (HT48R02)
or 20H to BFH (HT48R03), is used for data and control
information under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer register (MP;01H).
Indirect Addressing Register
Location 00H/02H are indirect addressing registers that
are not physically implemented. Any read/write opera-
tion of [00H]/[02H] accesses data memory pointed to by
MP0 (01H)/MP1 (03H). Reading location 00H itself indi-
rectly will return the result 00H. Writing indirectly results
in no operation.
The memory pointer registers (MP0/MP1) are 7-bit
registers (HT48R01/HT48R02) or 8 bit registers
(HT48R03). The bit 7 of MP0/MP1 (HT48R01/
HT48R02) are undefined and reading will return the
result
²1². Any writing operation to MP0/MP1 will only
transfer the lower 7-bit data to MP.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the data memory and
can carry out immediate data operations. The data
movement between two data memory locations must
pass through the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions. The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of data operations
but also changes the status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com