Electronic Components Datasheet Search
  English  ▼

X  

PA46 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA46
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA46 Datasheet(HTML) 3 Page - Cirrus Logic

  PA46 Datasheet HTML 1Page - Cirrus Logic PA46 Datasheet HTML 2Page - Cirrus Logic PA46 Datasheet HTML 3Page - Cirrus Logic PA46 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
TYPICAL PERFORMANCE
GRAPHS
PA46
CURRENT LIMIT RESISTOR, R
CL (Ω)
0
25
50
75
100
125
CASE TEMPERATURE, TC (°C)
0
20
40
POWER DERATING
–50
0
100
0.7
0.8
0.9
1.0
1.1
1.2
CURRENT LIMIT DRIFT
10
30
90
150
130
110
TOTAL SUPPLY VOLTAGE, V
S (V)
.1
1
100
10M
FREQUENCY, f (Hz)
0
120
SMALL SIGNAL RESPONSE
40
80
1
.1
100
100K
10M
–180
–135
–45
0
PHASE RESPONSE
–90
10K
20K
200K
100K
FREQUENCY, f (Hz)
4
6
10
1K
10K
1M
FREQUENCY, f (Hz)
80
COMMON MODE REJECTION
20
60
100
1M
FREQUENCY, f (Hz)
0
20
120
POWER SUPPLY REJECTION
40
100
02
OUTPUT CURRENT, I
O (A)
2
OUTPUT VOLTAGE SWING
4
10
1K 2K 4K
FREQUENCY, f (Hz)
.001
HARMONIC DISTORTION
.020
1.000
10K
40
20
100
0
COMPENSATION CAPACITANCE, C
C (pF)
SLEW RATE
0.1
4
ABSOLUTE CURRENT LIMIT
100
100K
QUIESCENT CURRENT
50
0.5
1.0
1K
–25
25
50
75
100
POWER RESPONSE
10
100
1K
10K
100K
80
1.0
–4
10
10
1K 10K 100K 1M
60
80
10
10K
1M
FREQUENCY, f (Hz)
0
400
20K
.002
.040
20
80
60
40
20
30
40
50
8
10
20
40
60
80
100
200
40
60
125
+I
LIM
10
CASE TEMPERATURE, T (
°C)
C
1.5
2.0
6
-I
LIM
40K
400K
1M
.004
.010
.100
.200
.400
70
8
4
10
T C
=
25
°C
TC =
+125
°C
No Load
8
Ω Load
A
V = 10
C
C = 10pf
R
L = 8 Ω
85W
5W
1W
C
C = 68pF
C
C = 10pF
C
C = 68pF
C
C = 10pF
+V
S
–V
S
85
°C +OUT
85
°C –OUT
25
°C –OUT
25
°C +OUT
R
L = 8 Ω
C
C = 10pF
C
C = 68pF
R
L = 500Ω
R
L = 1KΩ
R
L = 500Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com