Electronic Components Datasheet Search
  English  ▼

X  

LM185 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM185
Description  MICROCIRCUIT DATA SHEET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM185 Datasheet HTML 1Page - National Semiconductor (TI) LM185 Datasheet HTML 2Page - National Semiconductor (TI) LM185 Datasheet HTML 3Page - National Semiconductor (TI) LM185 Datasheet HTML 4Page - National Semiconductor (TI) LM185 Datasheet HTML 5Page - National Semiconductor (TI) LM185 Datasheet HTML 6Page - National Semiconductor (TI) LM185 Datasheet HTML 7Page - National Semiconductor (TI) LM185 Datasheet HTML 8Page - National Semiconductor (TI) LM185 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MNLM185B-X REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vref
Reference Voltage
Ir = 100uA
1.228
1.252
V
1
1.215
1.255
V
2, 3
Ir = 9uA
1.228
1.252
V
1
Ir = 10uA
1.215
1.255
V
2, 3
Ir = 1mA
1.228
1.252
V
1
1.215
1.255
V
2, 3
Ir = 20mA
1.228
1.252
V
1
1.215
1.255
V
2, 3
Vr = 5.3V, Ir = 100uA
1.228
1.252
V
1
1.215
1.255
V
2, 3
Vr = 5.3V, Ir = 45uA
1.288
1.252
V
1
Vr = 5.3V, Ir = 50uA
1.215
1.255
V
2, 3
Vr = 5.3V, Ir = 1.0mA
1.288
1.252
V
1
1.215
1.255
V
2, 3
Vr = 5.3V, Ir = 20mA
1.288
1.252
V
1
1.215
1.255
V
2, 3
Delta
Vref/Delta
Ir
Reference Voltage
Change with
Current
9uA < Ir < 1mA
1mV
1
10uA < Ir < 1mA
1.5
mV
2, 3
1mA < Ir < 20mA
10
mV
1
20
mV
2, 3
Vr = 5.3V, 45uA < Ir < 1mA
1mV
1
Vr = 5.3V, 50uA < Ir < 1mA
1.5
mV
2, 3
Vr = 5.3V, 1mA < Ir < 20mA
10
mV
1
20
mV
2, 3
Delta
Vref/Delta
Vo
Reference Voltage
Change with
Output Voltage
Vr = 5.3V, Ir = 100uA
3
mV
1
6
mV
2, 3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com