Electronic Components Datasheet Search
  English  ▼

X  

SFH2400 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH2400
Description  Silicon PIN Photodiode with Very Short Switching Time
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2400 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH2400 Datasheet HTML 1Page - OSRAM GmbH SFH2400 Datasheet HTML 2Page - OSRAM GmbH SFH2400 Datasheet HTML 3Page - OSRAM GmbH SFH2400 Datasheet HTML 4Page - OSRAM GmbH SFH2400 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SFH 2400, SFH 2400 FA
2001-02-22
4
Relative Spectral Sensitivity
SFH 2400,
S
rel = f (λ)
Photocurrent
I
P = f (Ee), VR = 5 V
Open-Circuit Voltage
V
O = f (Ee)
SFH 2400 FA
Directional Characteristics
S
rel = f (ϕ)
λ
OHF01129
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
E
OHF01765
e
0
10
P
Ι
-2
10
10
1
10
2
10
4
10
-1
10
0
10
1
10
24
10
3
10
2
10
1
10
10
0
V
O
µAmV
Ι
P
V
O
2
W/cm
µ
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Relative Spectr. Sensitivity
SFH 2400 FA,
S
rel = f (λ)
Photocurrent
I
P = f (Ev), VR = 5 V
Open-Circuit Voltage
V
O = f (Ev)
SFH 2400
λ
OHF01773
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
E
OHF01025
V
0
10
P
Ι
-1
10
10
1
10
2
10
4
10
0
10
0
V
O
µAmV
Ι
P
V
O
10
3
lx
1
10
2
10
10
3
10
2
1
10
Total Power Dissipation
P
tot = f (TA)
Dark Current
I
R = f (VR), E = 0
Capacitance
C = f (V
R), f = 1 MHz, E = 0
T
OHF00309
A
0
tot
P
0
20
40
60
80 C 100
mW
20
40
60
80
100
120
140
V
OHF01026
R
R
Ι
0
4
10
3
10
2
10
10
1
pA
20
V
30
10
V
OHF00331
R
-3
10
C
10
2
V
0
pF
40
5
10
15
20
25
30
35
-2
10
-1
10
0
10
1
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com